Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ4007-02S Datasheet (PDF) - AMAZING Microelectronic Corp.

AZ4007-02S Datasheet PDF - AMAZING Microelectronic Corp.
Part # AZ4007-02S
Download  AZ4007-02S Download
File Size   237.69 Kbytes
Page   8 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Transient Voltage Suppressing Device For ESD/Transient Protection

AZ4007-02S Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ4007-02S Datasheet PDF - AMAZING Microelectronic Corp.

Part # AZ4007-02S
Download  AZ4007-02S Click to download

File Size   237.69 Kbytes
Page   8 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Transient Voltage Suppressing Device For ESD/Transient Protection

AZ4007-02S Datasheet (HTML) - AMAZING Microelectronic Corp.


AZ4007-02S Product details

Features
 ESD Protect for 2 Lines with Unidirectional
 ESD Protect for 1 Line with Bidirectional
 Provide ESD protection for a line to
IEC 61000-4-2 (ESD) ±30kV (air), ±25kV
(contact)
IEC 61000-4-4 (EFT) 80A (5/50ns)
IEC 61000-4-5 (Lightning) 6A (8/20μs)
 Suitable for, 7V and below, operating
voltage applications
 Fast turn-on and Low clamping voltage
 Array of surge rated equivalent TVS diodes
 Small package saves board space
 Solid-state silicon-avalanche and active
circuit triggering technology
 Green part
Applications
 Cellular Handsets and Accessories
 Small Panel Modules
 PDA’s
 Portable Devices
 Digital Cameras
 Touch Panels
 Notebooks and Handhelds
 MP3 Players
 Peripherals
Description
AZ4007-02S is a design which includes
surge rated clamping cell arrays to protect
the power lines or control lines in an
electronic systems. The AZ4007-02S has
been specifically designed to protect
sensitive components which are connected
to power and control lines from over-voltage
caused by Electrostatic Discharging (ESD),
Electrical Fast Transients (EFT), and
Lightning.
AZ4007-02S is a unique design which
includes proprietary clamping cells in a single
package. During transient conditions, the
proprietary clamping cells prevent
over-voltage on the power lines or control
lines, protecting any downstream
components.
AZ4007-02S may be used to meet the ESD
immunity requirements of IEC 61000-4-2,
Level 4 (±15kV air, ±8kV contact discharge).




Similar Part No. - AZ4007-02S

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZ4007-01H AMAZING-AZ4007-01H Datasheet
1Mb / 6P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2013/07/08
AZ4007-01H.R7G AMAZING-AZ4007-01H.R7G Datasheet
1Mb / 6P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2013/07/08
AZ4007-01L AMAZING-AZ4007-01L Datasheet
136Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/10/26
AZ4007-01L.R7G AMAZING-AZ4007-01L.R7G Datasheet
136Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/10/26
More results


Similar Description - AZ4007-02S

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZ2015-05R AMAZING-AZ2015-05R Datasheet
136Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2016/08/22
AZ2025-04R AMAZING-AZ2025-04R Datasheet
186Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/06/18
AZ2025-04S AMAZING-AZ2025-04S Datasheet
201Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/06/18
AZ2215-01L AMAZING-AZ2215-01L Datasheet
164Kb / 8P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/06/18
AZ2225-01L AMAZING-AZ2225-01L Datasheet
213Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/06/18
AZ4012-01H AMAZING-AZ4012-01H Datasheet
991Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2013/07/08
AZ4012-01L AMAZING-AZ4012-01L Datasheet
145Kb / 8P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/11/10
AZ5013-01H AMAZING-AZ5013-01H Datasheet
145Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/07/30
AZ9424-01F AMAZING-AZ9424-01F Datasheet
114Kb / 6P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2015/12/07
AZ9525-01H AMAZING-AZ9525-01H Datasheet
129Kb / 6P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2015/05/27
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com