Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ2225-01L Datasheet (PDF) - AMAZING Microelectronic Corp.

AZ2225-01L Datasheet PDF - AMAZING Microelectronic Corp.
Part # AZ2225-01L
Download  AZ2225-01L Download
File Size   213.79 Kbytes
Page   7 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Transient Voltage Suppressing Device For ESD/Transient Protection

AZ2225-01L Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ2225-01L Datasheet PDF - AMAZING Microelectronic Corp.

Part # AZ2225-01L
Download  AZ2225-01L Click to download

File Size   213.79 Kbytes
Page   7 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Transient Voltage Suppressing Device For ESD/Transient Protection

AZ2225-01L Datasheet (HTML) - AMAZING Microelectronic Corp.


AZ2225-01L Product details

Features
 ESD Protection for 1 Line with Bi-directional.
 Provide ESD protection for the protected line to
IEC 61000-4-2 (ESD) ±20kV (air), ±12kV (contact)
IEC 61000-4-4 (EFT) 40A (5/50ns)
IEC 61000-4-5 (Lightning) 7A (8/20μs)
Cable Discharge Event (CDE)
 Ultra-small SOD-323 package saves board
space.
 Protect one I/O line or one power line
 Fast turn-on and Low clamping voltage
 Low operating voltage: 5V
 Solid-state silicon-avalanche and active circuit
triggering technology
 Green part avaliable
Applications
 Computer Interfaces Protection
 Microprocessors Protection
 Serial and Parallel Ports Protection
 Control Signal Lines Protection
 Power lines on PCB Protection
 Latchup Protection
Description
AZ2225-01L is a design which includes a
bi-directional surge rated clamping cell to protect
one power line, or one control line, or one low
speed data line in an electronic systems. The
AZ2225-01L has been specifically designed to
protect sensitive components which are
connected to power and control lines from
over-voltage damage and latch-up caused by
Electrostatic Discharging (ESD), Electrical Fast
Transients (EFT), Lightning, and Cable
Discharge Event (CDE).
AZ2225-01L is a unique design which includes
proprietary clamping cells in a single package.
During transient conditions, the proprietary
clamping cells prevent over-voltage on the power
line or control/data lines, protecting any
downstream components.
AZ2225-01L is bi-directional and may be used on
lines where the signal swings above and below
ground.
AZ2225-01L may be used to meet the ESD
immunity requirements of IEC 61000-4-2, Level 4
(±15kV air, ±8kV contact discharge).




Similar Part No. - AZ2225-01L

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZ2215-01L AMAZING-AZ2215-01L Datasheet
164Kb / 8P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/06/18
AZ2215-01L.R7G AMAZING-AZ2215-01L.R7G Datasheet
164Kb / 8P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/06/18
logo
Alpha Wire
AZ221934 ALPHAWIRE-AZ221934 Datasheet
98Kb / 4P
Customer Specification
2/21/2023
AZ221934 ALPHAWIRE-AZ221934 Datasheet
98Kb / 4P
Customer Specification
3/12/2023
AZ221934 ALPHAWIRE-AZ221934_V01 Datasheet
98Kb / 4P
Customer Specification
3/12/2023
More results


Similar Description - AZ2225-01L

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZ2015-05R AMAZING-AZ2015-05R Datasheet
136Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2016/08/22
AZ2215-01L AMAZING-AZ2215-01L Datasheet
164Kb / 8P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/06/18
AZ9525-01H AMAZING-AZ9525-01H Datasheet
129Kb / 6P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2015/05/27
AZ4007-02S AMAZING-AZ4007-02S Datasheet
237Kb / 8P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/07/28
AZ4012-01H AMAZING-AZ4012-01H Datasheet
991Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2013/07/08
AZ9424-01F AMAZING-AZ9424-01F Datasheet
114Kb / 6P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2015/12/07
AZ2025-04R AMAZING-AZ2025-04R Datasheet
186Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/06/18
AZ2025-04S AMAZING-AZ2025-04S Datasheet
201Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/06/18
AZ4012-01L AMAZING-AZ4012-01L Datasheet
145Kb / 8P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/11/10
AZ5013-01H AMAZING-AZ5013-01H Datasheet
145Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/07/30
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com