Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AZ2113-04F Datasheet (PDF) - AMAZING Microelectronic Corp.

AZ2113-04F Datasheet PDF - AMAZING Microelectronic Corp.
Part # AZ2113-04F
Download  AZ2113-04F Download

File Size   989.25 Kbytes
Page   7 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Transient Voltage Suppressing Array For ESD/Transient Protection

AZ2113-04F Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ2113-04F Datasheet PDF - AMAZING Microelectronic Corp.

Part # AZ2113-04F
Download  AZ2113-04F Click to download

File Size   989.25 Kbytes
Page   7 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Transient Voltage Suppressing Array For ESD/Transient Protection

AZ2113-04F Datasheet (HTML) - AMAZING Microelectronic Corp.

AZ2113-04F Datasheet HTML 1Page - AMAZING Microelectronic Corp. AZ2113-04F Datasheet HTML 2Page - AMAZING Microelectronic Corp. AZ2113-04F Datasheet HTML 3Page - AMAZING Microelectronic Corp. AZ2113-04F Datasheet HTML 4Page - AMAZING Microelectronic Corp. AZ2113-04F Datasheet HTML 5Page - AMAZING Microelectronic Corp. AZ2113-04F Datasheet HTML 6Page - AMAZING Microelectronic Corp. AZ2113-04F Datasheet HTML 7Page - AMAZING Microelectronic Corp.

AZ2113-04F Product details

Features
 ESD Protect for 4 Lines with Uni-directional
 Provide Transient protection for each line
directly to
IEC 61000-4-2 (ESD) ±20kV (air), ±20kV (contact)
IEC 61000-4-4 (EFT) 60A (5/50ns)
IEC 61000-4-5 (Lightning) 5A (8/20ms)
 For low operating voltage applications: 3.3V
maximum
 Fast turn-on and Low clamping voltage
 Array of surge rated equivalent TVS diodes
 DFN2116P8X package saves board space
 Solid-state silicon-avalanche and active circuit
triggering technology
 Green Part
Applications
 Cellular Handsets and Accessories
 Small Panel Modules
 PDA’s
 Portable Devices
 Digital Cameras
 Touch Panels
 Notebooks and Handhelds
 MP3 Players
Description
AZ2113-04F is a design which includes surge
rated clamping cell arrays to protect the power
lines or data/control lines in an electronic
systems. The AZ2113-04F has been specifically
designed to protect sensitive components which
are connected to power and control lines from
over-voltage caused by Electrostatic Discharging
(ESD), Electrical Fast Transients (EFT), and
Lightning.
AZ2113-04F is a unique design which includes
proprietary clamping cells in a single package.
During transient conditions, the proprietary
clamping cells prevent over-voltage on the power
lines or control lines, protecting any downstream
components.
AZ2113-04F may be used to meet the ESD
immunity requirements of IEC 61000-4-2, Level 4
(±15kV air, ±8kV contact discharge).



Similar Part No. - AZ2113-04F

ManufacturerPart #DatasheetDescription
AMAZING Microelectronic Corp.
AMAZING Microelectronic...
AZ2113-08F AMAZING-AZ2113-08F Datasheet
160Kb / 7P
   Transient Voltage Suppressing Array For ESD/Transient Protection
Revision 2021/03/26
AZ2113-08F.R7G AMAZING-AZ2113-08F.R7G Datasheet
160Kb / 7P
   Transient Voltage Suppressing Array For ESD/Transient Protection
Revision 2021/03/26
More results

Similar Description - AZ2113-04F

ManufacturerPart #DatasheetDescription
AMAZING Microelectronic Corp.
AMAZING Microelectronic...
AZ2015-02S AMAZING-AZ2015-02S Datasheet
206Kb / 8P
   Transient Voltage Suppressing Array For ESD/Transient Protection
Revision 2011/06/18
AZ2115-04SN1 AMAZING-AZ2115-04SN1 Datasheet
149Kb / 7P
   Transient Voltage Suppressing Array For ESD/Transient Protection
Revision 2011/06/18
AZ2115-05C AMAZING-AZ2115-05C Datasheet
149Kb / 7P
   Transient Voltage Suppressing Array For ESD/Transient Protection
Revision 2011/06/18
AZ2115-05F AMAZING-AZ2115-05F Datasheet
154Kb / 7P
   Transient Voltage Suppressing Array For ESD/Transient Protection
Revision 2011/06/18
AZ2113-08F AMAZING-AZ2113-08F Datasheet
160Kb / 7P
   Transient Voltage Suppressing Array For ESD/Transient Protection
Revision 2021/03/26
AZ2115-04C AMAZING-AZ2115-04C Datasheet
145Kb / 7P
   Transient Voltage Suppressing Array For ESD/Transient Protection
Revision 2011/06/18
AZ2115-05S AMAZING-AZ2115-05S Datasheet
149Kb / 7P
   Transient Voltage Suppressing Array For ESD/Transient Protection
Revision 2011/06/18
AZ2015-05R AMAZING-AZ2015-05R Datasheet
136Kb / 7P
   Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2016/08/22
AZ2215-01L AMAZING-AZ2215-01L Datasheet
164Kb / 8P
   Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/06/18
AZ2225-01L AMAZING-AZ2225-01L Datasheet
213Kb / 7P
   Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/06/18
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com