Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ2015-05R Datasheet (PDF) - AMAZING Microelectronic Corp.

AZ2015-05R Datasheet PDF - AMAZING Microelectronic Corp.
Part # AZ2015-05R
Download  AZ2015-05R Download
File Size   136.67 Kbytes
Page   7 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Transient Voltage Suppressing Device For ESD/Transient Protection

AZ2015-05R Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ2015-05R Datasheet PDF - AMAZING Microelectronic Corp.

Part # AZ2015-05R
Download  AZ2015-05R Click to download

File Size   136.67 Kbytes
Page   7 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Transient Voltage Suppressing Device For ESD/Transient Protection

AZ2015-05R Datasheet (HTML) - AMAZING Microelectronic Corp.


AZ2015-05R Product details

Features
 ESD Protect for 5 Lines with Uni-directional
 Provide ESD protection for the protected line to
IEC 61000-4-2 (ESD) ±15kV (air), ±12kV (contact)
IEC 61000-4-4 (EFT) 30A (5/50ns)
Cable Discharge Event (CDE)
 Small package saves board space
 Protect five I/O lines or five power lines
 Fast turn-on and Low clamping voltage
 Low operating voltage: 5.0V and below
 Solid-state silicon-avalanche and active circuit
triggering technology
 Green part
Applications
 Audio Interfaces Protection
 Computer Interfaces Protection
 Microprocessors Protection
 Serial and Parallel Ports Protection
 Control Signal Lines Protection
 Power lines on PCB Protection
 Latchup Protection
Description
AZ2015-05R is a design which includes five
uni-directional ESD rated clamping cells to
protect five power lines, or five control lines, or
five low speed data lines in an electronic systems.
The AZ2013-05R has been specifically designed
to protect sensitive components which are
connected to power and control lines from
over-voltage damage and latch-up caused by
Electrostatic Discharging (ESD), Electrical Fast
Transients (EFT), and Cable Discharge Event
(CDE).
AZ2015-05R is a unique design which includes
proprietary clamping cells in a single package.
During transient conditions, the proprietary
clamping cells prevent over-voltage on the power
lines or control/data lines, protecting any
downstream components.
AZ2015-05R may be used to meet the ESD
immunity requirements of IEC 61000-4-2, Level 4
(±15kV air, ±8kV contact discharge).




Similar Part No. - AZ2015-05R

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
AZ2015-05R TECHPUBLIC-AZ2015-05R Datasheet
2Mb / 4P
Low Capacitance TVS Diode Array
More results


Similar Description - AZ2015-05R

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZ2025-04R AMAZING-AZ2025-04R Datasheet
186Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/06/18
AZ2025-04S AMAZING-AZ2025-04S Datasheet
201Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/06/18
AZ2215-01L AMAZING-AZ2215-01L Datasheet
164Kb / 8P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/06/18
AZ2225-01L AMAZING-AZ2225-01L Datasheet
213Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/06/18
AZ4007-02S AMAZING-AZ4007-02S Datasheet
237Kb / 8P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/07/28
AZ4012-01H AMAZING-AZ4012-01H Datasheet
991Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2013/07/08
AZ4012-01L AMAZING-AZ4012-01L Datasheet
145Kb / 8P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/11/10
AZ5013-01H AMAZING-AZ5013-01H Datasheet
145Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/07/30
AZ9424-01F AMAZING-AZ9424-01F Datasheet
114Kb / 6P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2015/12/07
AZ9525-01H AMAZING-AZ9525-01H Datasheet
129Kb / 6P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2015/05/27
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com