Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AZ9C98-08F Datasheet (PDF) - AMAZING Microelectronic Corp.

AZ9C98-08F Datasheet PDF - AMAZING Microelectronic Corp.
Part # AZ9C98-08F
Download  AZ9C98-08F Download

File Size   174.6 Kbytes
Page   7 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Low Capacitance ESD Protection Array For High Speed Data Interfaces

AZ9C98-08F Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ9C98-08F Datasheet PDF - AMAZING Microelectronic Corp.

Part # AZ9C98-08F
Download  AZ9C98-08F Click to download

File Size   174.6 Kbytes
Page   7 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Low Capacitance ESD Protection Array For High Speed Data Interfaces

AZ9C98-08F Datasheet (HTML) - AMAZING Microelectronic Corp.

AZ9C98-08F Datasheet HTML 1Page - AMAZING Microelectronic Corp. AZ9C98-08F Datasheet HTML 2Page - AMAZING Microelectronic Corp. AZ9C98-08F Datasheet HTML 3Page - AMAZING Microelectronic Corp. AZ9C98-08F Datasheet HTML 4Page - AMAZING Microelectronic Corp. AZ9C98-08F Datasheet HTML 5Page - AMAZING Microelectronic Corp. AZ9C98-08F Datasheet HTML 6Page - AMAZING Microelectronic Corp. AZ9C98-08F Datasheet HTML 7Page - AMAZING Microelectronic Corp.

AZ9C98-08F Product details

Features
 ESD Protect for 8 high-speed I/O channels
 Provide ESD protection for each channel to
IEC 61000-4-2 (ESD) ±16kV (air / contact)
IEC 61000-4-5 (Lightning) 6.5A (8/20ms)
 For low operating voltage of 3.3V and below
 Low capacitance: 1.0pF typical
 Fast turn-on and Low clamping voltage
 Array of ESD rated diodes with internal
equivalent TVS (Transient Voltage
Suppression) diode
 Solid-state silicon-avalanche and active circuit
triggering technology
 Simplified layout for high-speed differential
signaling channels
 Green Part
 AEC-Q101 qualified
Applications
 Video Graphics Cards
 Notebook and PC Computers
 Monitors and Flat Panel Displays
 LVDS interface
 Automotive Applications
Description
AZ9C98-08F is a high performance and low cost
design which includes surge rated diode arrays
to protect high speed data interfaces. The
AZ9C98-08F family has been specifically
designed to protect sensitive components, which
are connected to data and transmission lines,
from over-voltage caused by Electrostatic
Discharging (ESD) and Lightning.
AZ9C98-08F is a unique design which includes
surge rated, low capacitance steering diodes and
a unique design of clamping cell which is an
equivalent TVS diode in a single package. During
transient conditions, the steering diodes direct
the transient to either the power supply line or to
the ground line. The internal unique design of
clamping cell prevents over-voltage on the power
line, protecting any downstream components.
AZ9C98-08F may be used to meet the ESD
immunity requirements of IEC 61000-4-2, Level 4
(±15kV air, ±8kV contact discharge).



Similar Part No. - AZ9C98-08F

ManufacturerPart #DatasheetDescription
AMAZING Microelectronic Corp.
AMAZING Microelectronic...
AZ9C39-04S AMAZING-AZ9C39-04S Datasheet
196Kb / 7P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2021/04/12
AZ9C39-04S.R7G AMAZING-AZ9C39-04S.R7G Datasheet
196Kb / 7P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2021/04/12
More results

Similar Description - AZ9C98-08F

ManufacturerPart #DatasheetDescription
AMAZING Microelectronic Corp.
AMAZING Microelectronic...
AZ1515-04S AMAZING-AZ1515-04S Datasheet
220Kb / 8P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2018/01/23
AZ9115-04S AMAZING-AZ9115-04S Datasheet
441Kb / 12P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2016/06/24
AZ1015-02S AMAZING-AZ1015-02S Datasheet
168Kb / 10P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2011/06/18
AZ9153-04S AMAZING-AZ9153-04S Datasheet
315Kb / 8P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2017/10/03
AZ9C39-04S AMAZING-AZ9C39-04S Datasheet
196Kb / 7P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2021/04/12
AZ1013-04C AMAZING-AZ1013-04C Datasheet
156Kb / 6P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2016/12/30
AZ1135-04S AMAZING-AZ1135-04S Datasheet
210Kb / 8P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2017/05/15
AZ1575-04S AMAZING-AZ1575-04S Datasheet
244Kb / 7P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2021/04/28
Silicon Standard Corp.
Silicon Standard Corp.
SSEPAA5-02N SSC-SSEPAA5-02N Datasheet
392Kb / 10P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
SSEPAA5-02S SSC-SSEPAA5-02S Datasheet
413Kb / 10P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
AMAZING Microelectronic Corp.
AMAZING Microelectronic...
AZ1013-02N AMAZING-AZ1013-02N Datasheet
199Kb / 8P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2011/06/18
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com