Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ1515-04S Datasheet (PDF) - AMAZING Microelectronic Corp.

AZ1515-04S Datasheet PDF - AMAZING Microelectronic Corp.
Part # AZ1515-04S
Download  AZ1515-04S Download

File Size   220.75 Kbytes
Page   8 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Low Capacitance ESD Protection Array For High Speed Data Interfaces

AZ1515-04S Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ1515-04S Datasheet PDF - AMAZING Microelectronic Corp.

Part # AZ1515-04S
Download  AZ1515-04S Click to download

File Size   220.75 Kbytes
Page   8 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Low Capacitance ESD Protection Array For High Speed Data Interfaces

AZ1515-04S Datasheet (HTML) - AMAZING Microelectronic Corp.

AZ1515-04S Datasheet HTML 1Page - AMAZING Microelectronic Corp. AZ1515-04S Datasheet HTML 2Page - AMAZING Microelectronic Corp. AZ1515-04S Datasheet HTML 3Page - AMAZING Microelectronic Corp. AZ1515-04S Datasheet HTML 4Page - AMAZING Microelectronic Corp. AZ1515-04S Datasheet HTML 5Page - AMAZING Microelectronic Corp. AZ1515-04S Datasheet HTML 6Page - AMAZING Microelectronic Corp. AZ1515-04S Datasheet HTML 7Page - AMAZING Microelectronic Corp. AZ1515-04S Datasheet HTML 8Page - AMAZING Microelectronic Corp.

AZ1515-04S Product details

Features
 ESD protect for 4 high-speed I/O channels
 Provide transient protection for each channel to
IEC 61000-4-2 (ESD) ±30kV (air / contact)
IEC 61000-4-4 (EFT) 80A (5/50ns)
IEC 61000-4-5 (Lightning) 30A (8/20μs) for any
I/O-to-GND
IEC 61000-4-5 (Lightning) 37A (8/20μs) for
VDD-to-GND
 For low operating voltage applications: 5V
maximum
 Low capacitance : 1.8pF typical
 Fast turn-on and low clamping voltage
 Array of surge rated diodes with internal
equivalent TVS diode
 Small package saves board space
 Solid-state silicon-avalanche and active circuit
triggering technology
 Green part
Applications
 Video graphics cards
 LAN application
 USB2.0 power and data lines protection
 Notebook and PC computers
 Monitors and flat panel displays
Description
AZ1515-04S is a high-performance design which
includes surge rated diode arrays to protect
high-speed data interfaces. The AZ1515-04S has
been specifically designed to protect sensitive
components, which are connected to data and
transmission lines, from over-voltage caused by
Electrostatic Discharging (ESD), Electrical Fast
Transients (EFT), and Lightning.
AZ1515-04S is a unique design which includes
surge rated, low capacitance steering diodes and
a unique design of clamping cell which is an
equivalent TVS diode in a single package. During
transient conditions, the steering diodes direct
the transient to either the power supply line or to
the ground line. The internal unique design of
clamping cell prevents over-voltage on the power
line, protecting any downstream components.
AZ1515-04S may be used to meet the ESD
immunity requirements of IEC 61000-4-2, Level 4
(±15kV air, ±8kV contact discharge).



Similar Part No. - AZ1515-04S

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZ1513-04S AMAZING-AZ1513-04S Datasheet
218Kb / 8P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2018/01/23
AZ1513-04S.R7G AMAZING-AZ1513-04S.R7G Datasheet
218Kb / 8P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2018/01/23
More results

Similar Description - AZ1515-04S

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZ9115-04S AMAZING-AZ9115-04S Datasheet
441Kb / 12P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2016/06/24
AZ9153-04S AMAZING-AZ9153-04S Datasheet
315Kb / 8P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2017/10/03
AZC015-04F AMAZING-AZC015-04F Datasheet
221Kb / 12P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2011/07/30
AZC099-04S AMAZING-AZC099-04S Datasheet
174Kb / 12P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2013/08/27
AZ1015-02S AMAZING-AZ1015-02S Datasheet
168Kb / 10P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2011/06/18
AZ9C39-04S AMAZING-AZ9C39-04S Datasheet
196Kb / 7P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2021/04/12
AZC015-04C AMAZING-AZC015-04C Datasheet
217Kb / 12P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2011/07/30
AZC398-04C AMAZING-AZC398-04C Datasheet
1Mb / 6P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2014/01/28
AZC399-04C AMAZING-AZC399-04C Datasheet
293Kb / 12P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2012/07/12
AZC002-04S AMAZING-AZC002-04S Datasheet
187Kb / 12P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2011/07/30
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com