Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AZ1213-04F Datasheet (PDF) - AMAZING Microelectronic Corp.

AZ1213-04F Datasheet PDF - AMAZING Microelectronic Corp.
Part # AZ1213-04F
Download  AZ1213-04F Download

File Size   380.92 Kbytes
Page   7 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Low Capacitance ESD Protection Array For High-Speed Data Interface

AZ1213-04F Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ1213-04F Datasheet PDF - AMAZING Microelectronic Corp.

Part # AZ1213-04F
Download  AZ1213-04F Click to download

File Size   380.92 Kbytes
Page   7 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Low Capacitance ESD Protection Array For High-Speed Data Interface

AZ1213-04F Datasheet (HTML) - AMAZING Microelectronic Corp.

AZ1213-04F Datasheet HTML 1Page - AMAZING Microelectronic Corp. AZ1213-04F Datasheet HTML 2Page - AMAZING Microelectronic Corp. AZ1213-04F Datasheet HTML 3Page - AMAZING Microelectronic Corp. AZ1213-04F Datasheet HTML 4Page - AMAZING Microelectronic Corp. AZ1213-04F Datasheet HTML 5Page - AMAZING Microelectronic Corp. AZ1213-04F Datasheet HTML 6Page - AMAZING Microelectronic Corp. AZ1213-04F Datasheet HTML 7Page - AMAZING Microelectronic Corp.

AZ1213-04F Product details

Features
 ESD Protect for Low-Voltage Differential
Signaling (LVDS) channels
 Protects four I/O lines
 Provide ESD protection for each line to
IEC 61000-4-2 (ESD) ±30kV (air), ±30kV (contact)
IEC 61000-4-4 (EFT) 80A (5/50ns)
IEC 61000-4-5 (Lightning) 20A (8/20μs)
 For operating voltage of 3.3V and below
 Low capacitance: 2.1pF typical
 Fast turn-on and Low clamping voltage
 Array of ESD rated diodes with internal
equivalent TVS (Transient Voltage
Suppression) diode
 Solid-state silicon-avalanche and active circuit
triggering technology
 Green part
Applications
 LVDS Interface
 USB2.0 Data lines protection
 Control Signal Lines Protection
 SIM ports
 Monitors and Flat Panel Displays
 Notebook and PC Computers
 Ethernet port: 10/100/1000 Mb/s
 Consumer Electronics
 Set Top Box
Description
AZ1213-04F is a high-performance design which
includes surge rated diode arrays to protect
high-speed data interfaces. The AZ1213-04F has
been specifically designed to protect sensitive
components, which are connected to data and
transmission lines, from over-voltage caused by
Electrostatic Discharging (ESD), Electrical Fast
Transients (EFT), and Lightning.
AZ1213-04F is a unique design which includes
surge rated, low capacitance steering diodes and
a unique design of clamping cell which is an
equivalent TVS diode in a single package. During
transient conditions, the steering diodes direct
the transient to either the internal ESD line or to
ground line. The internal unique design of
clamping cell prevents over-voltage on the
internal ESD line and on the I/O line, which is
protecting any downstream components.
AZ1213-04F may be used to meet the ESD
immunity requirements of IEC 61000-4-2, Level 4
(15kV air, 8kV contact discharge).



Similar Part No. - AZ1213-04F

ManufacturerPart #DatasheetDescription
Arizona Microtek, Inc
Arizona Microtek, Inc
AZ12000 AZM-AZ12000 Datasheet
188Kb / 13P
   Phase-Locked Loop Clock Generator
AZ12000K AZM-AZ12000K Datasheet
188Kb / 13P
   Phase-Locked Loop Clock Generator
AZ12000XP AZM-AZ12000XP Datasheet
188Kb / 13P
   Phase-Locked Loop Clock Generator
AZ12001 AZM-AZ12001 Datasheet
188Kb / 13P
   Phase-Locked Loop Clock Generator
AZ12001K AZM-AZ12001K Datasheet
188Kb / 13P
   Phase-Locked Loop Clock Generator
More results

Similar Description - AZ1213-04F

ManufacturerPart #DatasheetDescription
AMAZING Microelectronic Corp.
AMAZING Microelectronic...
AZ1013-04F AMAZING-AZ1013-04F Datasheet
263Kb / 6P
   Low Capacitance ESD Protection Array For High Speed Data Interface
Revision 2014/11/20
AZ1243-04F AMAZING-AZ1243-04F Datasheet
215Kb / 6P
   Ultra Low Capacitance ESD Protection Array For High Speed Data Interface
Revision 2017/05/17
ON Semiconductor
ON Semiconductor
ESD1014 ONSEMI-ESD1014 Datasheet
97Kb / 3P
   Low Capacitance ESD Protection Array for High Speed Data Lines Protection
March, 2011 ??Rev. 0
NUP4105MU ONSEMI-NUP4105MU Datasheet
125Kb / 3P
   Low Capacitance ESD Protection Array for High Speed Data Lines Protection
April, 2009 ??Rev. 1
AMAZING Microelectronic Corp.
AMAZING Microelectronic...
AZ1515-04S AMAZING-AZ1515-04S Datasheet
220Kb / 8P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2018/01/23
AZ9115-04S AMAZING-AZ9115-04S Datasheet
441Kb / 12P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2016/06/24
AZ1015-02S AMAZING-AZ1015-02S Datasheet
168Kb / 10P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2011/06/18
AZ9153-04S AMAZING-AZ9153-04S Datasheet
315Kb / 8P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2017/10/03
Silicon Standard Corp.
Silicon Standard Corp.
SSEPAA5-02N SSC-SSEPAA5-02N Datasheet
392Kb / 10P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
SSEPAA5-02S SSC-SSEPAA5-02S Datasheet
413Kb / 10P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com