Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AZ1013-02N Datasheet (PDF) - AMAZING Microelectronic Corp.

AZ1013-02N Datasheet PDF - AMAZING Microelectronic Corp.
Part # AZ1013-02N
Download  AZ1013-02N Download

File Size   199.11 Kbytes
Page   8 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Low Capacitance ESD Protection Array For High Speed Data Interfaces

AZ1013-02N Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ1013-02N Datasheet PDF - AMAZING Microelectronic Corp.

Part # AZ1013-02N
Download  AZ1013-02N Click to download

File Size   199.11 Kbytes
Page   8 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Low Capacitance ESD Protection Array For High Speed Data Interfaces

AZ1013-02N Datasheet (HTML) - AMAZING Microelectronic Corp.

AZ1013-02N Datasheet HTML 1Page - AMAZING Microelectronic Corp. AZ1013-02N Datasheet HTML 2Page - AMAZING Microelectronic Corp. AZ1013-02N Datasheet HTML 3Page - AMAZING Microelectronic Corp. AZ1013-02N Datasheet HTML 4Page - AMAZING Microelectronic Corp. AZ1013-02N Datasheet HTML 5Page - AMAZING Microelectronic Corp. AZ1013-02N Datasheet HTML 6Page - AMAZING Microelectronic Corp. AZ1013-02N Datasheet HTML 7Page - AMAZING Microelectronic Corp. AZ1013-02N Datasheet HTML 8Page - AMAZING Microelectronic Corp.

AZ1013-02N Product details

Features
 ESD Protect for 2 high-speed I/O channels
 Provide ESD protection for each channel to
IEC 61000-4-2 (ESD) ±30kV (air), ±30kV (contact)
IEC 61000-4-4 (EFT) 80A (5/50ns)
IEC 61000-4-5 (Lightning) 12A (8/20μs)
 For low operating voltage applications: 3.3V
maximum
 Low capacitance : 2.8pF typical
 Fast turn-on and Low clamping voltage
 Array of surge rated diodes with internal
equivalent TVS diode
 Small package saves board space
 Solid-state silicon-avalanche and active circuit
triggering technology
 ROHS part available
 Green part available
Applications
 Fingerprint
 Data and I/O lines protection
 Handheld electronics
 Analog input lines protection
 Video lines protection
 LAN applications
 3.3V operating systems
Description
AZ1013-02N is a high performance design which
includes surge rated diode arrays to protect high
speed data interfaces. The AZ1013-02N has
been specifically designed to protect sensitive
components, which are connected to data and
transmission lines, from over-voltage caused by
Electrostatic Discharging (ESD), Electrical Fast
Transients (EFT), and Lightning.
AZ1013-02N is a unique design which includes
surge rated, low capacitance steering diodes and
a unique design of clamping cell which is an
equivalent TVS diode in a single package. During
transient conditions, the steering diodes direct
the transient to either the power supply line or to
the ground line. The internal unique design of
clamping cell prevents over-voltage on the power
line, protecting any downstream components.
AZ1013-02N may be used to meet the ESD
immunity requirements of IEC 61000-4-2, Level 4
(± 15kV air, ±8kV contact discharge).



Similar Part No. - AZ1013-02N

ManufacturerPart #DatasheetDescription
AMAZING Microelectronic Corp.
AMAZING Microelectronic...
AZ1013-04C AMAZING-AZ1013-04C Datasheet
156Kb / 6P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2016/12/30
AZ1013-04C.R7G AMAZING-AZ1013-04C.R7G Datasheet
156Kb / 6P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2016/12/30
AZ1013-04F AMAZING-AZ1013-04F Datasheet
263Kb / 6P
   Low Capacitance ESD Protection Array For High Speed Data Interface
Revision 2014/11/20
AZ1013-04F.R7G AMAZING-AZ1013-04F.R7G Datasheet
263Kb / 6P
   Low Capacitance ESD Protection Array For High Speed Data Interface
Revision 2014/11/20
More results

Similar Description - AZ1013-02N

ManufacturerPart #DatasheetDescription
AMAZING Microelectronic Corp.
AMAZING Microelectronic...
AZ1515-04S AMAZING-AZ1515-04S Datasheet
220Kb / 8P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2018/01/23
AZ9115-04S AMAZING-AZ9115-04S Datasheet
441Kb / 12P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2016/06/24
AZ1015-02S AMAZING-AZ1015-02S Datasheet
168Kb / 10P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2011/06/18
AZ9153-04S AMAZING-AZ9153-04S Datasheet
315Kb / 8P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2017/10/03
AZ9C39-04S AMAZING-AZ9C39-04S Datasheet
196Kb / 7P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2021/04/12
AZ1013-04C AMAZING-AZ1013-04C Datasheet
156Kb / 6P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2016/12/30
AZ1135-04S AMAZING-AZ1135-04S Datasheet
210Kb / 8P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2017/05/15
AZ1575-04S AMAZING-AZ1575-04S Datasheet
244Kb / 7P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2021/04/28
Silicon Standard Corp.
Silicon Standard Corp.
SSEPAA5-02N SSC-SSEPAA5-02N Datasheet
392Kb / 10P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
SSEPAA5-02S SSC-SSEPAA5-02S Datasheet
413Kb / 10P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com