Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTCLE203E3 Datasheet (PDF) - Vishay Siliconix

NTCLE203E3 Datasheet PDF - Vishay Siliconix
Part # NTCLE203E3_V01
Download  NTCLE203E3 Download
File Size   105.19 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description NTC Thermistors, Radial Leaded, Accuracy Line

NTCLE203E3 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTCLE203E3 Datasheet PDF - Vishay Siliconix

Part # NTCLE203E3_V01
Download  NTCLE203E3 Click to download

File Size   105.19 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description NTC Thermistors, Radial Leaded, Accuracy Line

NTCLE203E3 Datasheet (HTML) - Vishay Siliconix


NTCLE203E3 Product details

FEATURES
• Accurate over a wide temperature range
(tolerance on B-value down to 0.5 %)
• Good stability over a long life
• Excellent price/performance ratio
• Low heat conductivity through 0.4 mm Ni-leads
• cULus recognized, file E148885
(UL category XGPU2/XGPU8)
• Mounting: radial
• Material categorization: for definitions of
compliance please see www.vishay.com/doc?99912

APPLICATIONS
• Temperature measurement, sensing and control in
industrial, consumer and telecom applications. For
on-board sensing or accurate remote sensing

DESCRIPTION
These thermistors are made of NTC ceramic material. The
device consists of a chip with two tinned nickel leads. The
parts are coated and color band marked. Tape and reel
versions available on request.




Similar Part No. - NTCLE203E3_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCLE203E3...SB0 VISHAY-NTCLE203E3...SB0 Datasheet
118Kb / 7P
NTC Thermistors, 2-Point Radial Leaded, Automotive Grades
01-Jan-2022
NTCLE203E3103FB0 VISHAY-NTCLE203E3103FB0 Datasheet
107Kb / 9P
NTC Thermistors, Radial Leaded, Accuracy Line
Revision: 18-May-11
NTCLE203E3103SB0 VISHAY-NTCLE203E3103SB0 Datasheet
108Kb / 7P
NTC Thermistors, 2-Point Radial Leaded, Automotive Grade
Revision: 20-May-11
NTCLE203E3103SB0 VISHAY-NTCLE203E3103SB0 Datasheet
118Kb / 7P
NTC Thermistors, 2-Point Radial Leaded, Automotive Grades
01-Jan-2022
NTCLE203E3104FB0 VISHAY-NTCLE203E3104FB0 Datasheet
102Kb / 9P
NTC Thermistors, Radial Leaded, Accuracy Line
Revision: 16-Sep-11
More results


Similar Description - NTCLE203E3_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
23226403 VISHAY-23226403 Datasheet
217Kb / 19P
NTC Thermistors, Accuracy Line
Revision: 10-Oct-03
232264053202 VISHAY-232264053202 Datasheet
79Kb / 6P
NTC Thermistors, Accuracy Line
Revision: 15-Jun-04
01C1002FP VISHAY-01C1002FP Datasheet
101Kb / 5P
NTC Thermistors, Radial Leaded and Coated
Revision: 12-Nov-09
NTCLE203E3104FB0 VISHAY-NTCLE203E3104FB0 Datasheet
102Kb / 9P
NTC Thermistors, Radial Leaded, Accuracy Line
Revision: 16-Sep-11
NTCLE101E3104SB0 VISHAY-NTCLE101E3104SB0 Datasheet
89Kb / 5P
NTC Thermistors, Radial Leaded Special Accuracy
Revision: 06-Jul-11
NTCLE203E3103FB0 VISHAY-NTCLE203E3103FB0 Datasheet
107Kb / 9P
NTC Thermistors, Radial Leaded, Accuracy Line
Revision: 18-May-11
NTCLE101E3SB0 VISHAY-NTCLE101E3SB0 Datasheet
92Kb / 5P
NTC Thermistors, Radial Leaded Special Accuracy
Revision: 06-Jul-11
NTCLE203E3 VISHAY-NTCLE203E3_17 Datasheet
84Kb / 3P
NTC Thermistors, Radial Leaded, Accuracy Line
Revision: 26-Jun-17
NTCLE101E3 VISHAY-NTCLE101E3_V01 Datasheet
79Kb / 2P
NTC Thermistors, Radial Leaded Special Accuracy
Revision: 18-Sep-2020
NTCLE101E3...SB0 VISHAY-NTCLE101E3...SB0 Datasheet
78Kb / 2P
NTC Thermistors, Radial Leaded Special Accuracy
01-Jan-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com