Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M8050 Datasheet (PDF) - Jiangsu Changjiang Electronics Technology Co., Ltd

M8050 Datasheet PDF - Jiangsu Changjiang Electronics Technology Co., Ltd
Part # M8050
Download  M8050 Download

File Size   260.72 Kbytes
Page   3 Pages
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd
Description TRANSISTOR 竊?NPN

M8050 Datasheet (PDF)

Go To PDF Page Download Datasheet
M8050 Datasheet PDF - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # M8050
Download  M8050 Click to download

File Size   260.72 Kbytes
Page   3 Pages
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd
Description TRANSISTOR 竊?NPN

M8050 Datasheet (HTML) - Jiangsu Changjiang Electronics Technology Co., Ltd

M8050 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd M8050 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd M8050 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd

M8050 Product details

TRANSISTOR ( NPN )

FEATURES
   Power dissipation
      PCM : 0.625 W( Tamb=25℃)
   Collector current
      ICM : 1 A
   Collector-base voltage
      V(BR)CBO : 40 V
   Operating and storage junction temperature range
      TJ, Tstg: -55℃ to +150℃




Similar Part No. - M8050

ManufacturerPart #DatasheetDescription
logo
Daya Electric Group Co....
M8050 DAYA-M8050 Datasheet
331Kb / 2P
   SOT-23 Plastic-Encapsulate Transistors
logo
Nanjing International G...
M8050 DGNJDZ-M8050 Datasheet
1Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
M8050 SECOS-M8050 Datasheet
222Kb / 2P
   NPN Plastic Encapsulate Transistor
logo
Goodwork Semiconductor ...
M8050 GWSEMI-M8050 Datasheet
605Kb / 3P
   TRANSISTOR(NPN)
logo
Shenzhen Jin Yu Semicon...
M8050 HTSEMI-M8050 Datasheet
484Kb / 2P
   TRANSISTOR(NPN)
More results


Similar Description - M8050

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
S9011 JIANGSU-S9011 Datasheet
125Kb / 2P
   TRANSISTOR竊?NPN 竊
S9011LT1 JIANGSU-S9011LT1 Datasheet
131Kb / 2P
   TRANSISTOR竊?NPN 竊
KSC2331-TO-92L JIANGSU-KSC2331-TO-92L Datasheet
80Kb / 1P
   TRANSISTOR竊?NPN 竊
3DD13002-TO-251 JIANGSU-3DD13002-TO-251 Datasheet
877Kb / 3P
   TRANSISTOR竊?NPN 竊
3DD13001-TO-92 JIANGSU-3DD13001-TO-92 Datasheet
328Kb / 3P
   TRANSISTOR竊?NPN 竊
3DD13001-TO-251 JIANGSU-3DD13001-TO-251 Datasheet
104Kb / 2P
   TRANSISTOR竊?NPN 竊
FMMT4124 JIANGSU-FMMT4124 Datasheet
407Kb / 3P
   TRANSISTOR竊?NPN 竊
C2611-TO-251 JIANGSU-C2611-TO-251 Datasheet
188Kb / 3P
   TRANSISTOR竊?NPN 竊
C1815LT1 JIANGSU-C1815LT1 Datasheet
131Kb / 2P
   TRANSISTOR竊?NPN 竊
logo
Avic Technology
AV945LT1 AVICTEK-AV945LT1 Datasheet
258Kb / 2P
   TRANSISTOR竊?NPN 竊
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com