Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSC2331-TO-92L Datasheet (PDF) - Jiangsu Changjiang Electronics Technology Co., Ltd

KSC2331-TO-92L Datasheet PDF - Jiangsu Changjiang Electronics Technology Co., Ltd
Part # KSC2331-TO-92L
Download  KSC2331-TO-92L Download

File Size   80.2 Kbytes
Page   1 Pages
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd
Description TRANSISTOR竊?NPN

KSC2331-TO-92L Datasheet (PDF)

Go To PDF Page Download Datasheet
KSC2331-TO-92L Datasheet PDF - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # KSC2331-TO-92L
Download  KSC2331-TO-92L Click to download

File Size   80.2 Kbytes
Page   1 Pages
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd
Description TRANSISTOR竊?NPN

KSC2331-TO-92L Datasheet (HTML) - Jiangsu Changjiang Electronics Technology Co., Ltd

KSC2331-TO-92L Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd

KSC2331-TO-92L Product details

TRANSISTOR (NPN)



FEATURE

  Power dissipation

     PCM : 1 W Tamb=25

  Collector current

     ICM : 0.7 A

  Collector-base voltage

     V(BR)CBO : 80 V

  Operating and storage junction temperature range

     TJ Tstg: -55°C to +150°C



 




Similar Part No. - KSC2331-TO-92L

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KSC2331 SAMSUNG-KSC2331 Datasheet
81Kb / 2P
   NPN LOW FREQUENCY AMPLIFIER MEDIUM SPEED SWITCHING)
logo
Fairchild Semiconductor
KSC2331 FAIRCHILD-KSC2331 Datasheet
40Kb / 4P
   Low Frequency Amplifier & Medium Speed Switching
logo
SHENZHEN YONGERJIA INDU...
KSC2331 WINNERJOIN-KSC2331 Datasheet
124Kb / 1P
   TRANSISTOR (NPN)
logo
Fairchild Semiconductor
KSC2331 FAIRCHILD-KSC2331 Datasheet
109Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Foshan Blue Rocket Elec...
KSC2331 FOSHAN-KSC2331 Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-92LM Plastic Package.
More results


Similar Description - KSC2331-TO-92L

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
S9011 JIANGSU-S9011 Datasheet
125Kb / 2P
   TRANSISTOR竊?NPN 竊
S9011LT1 JIANGSU-S9011LT1 Datasheet
131Kb / 2P
   TRANSISTOR竊?NPN 竊
3DD13002-TO-251 JIANGSU-3DD13002-TO-251 Datasheet
877Kb / 3P
   TRANSISTOR竊?NPN 竊
3DD13001-TO-92 JIANGSU-3DD13001-TO-92 Datasheet
328Kb / 3P
   TRANSISTOR竊?NPN 竊
3DD13001-TO-251 JIANGSU-3DD13001-TO-251 Datasheet
104Kb / 2P
   TRANSISTOR竊?NPN 竊
FMMT4124 JIANGSU-FMMT4124 Datasheet
407Kb / 3P
   TRANSISTOR竊?NPN 竊
C2611-TO-251 JIANGSU-C2611-TO-251 Datasheet
188Kb / 3P
   TRANSISTOR竊?NPN 竊
M8050 JIANGSU-M8050 Datasheet
260Kb / 3P
   TRANSISTOR 竊?NPN 竊
C1815LT1 JIANGSU-C1815LT1 Datasheet
131Kb / 2P
   TRANSISTOR竊?NPN 竊
logo
Avic Technology
AV945LT1 AVICTEK-AV945LT1 Datasheet
258Kb / 2P
   TRANSISTOR竊?NPN 竊
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com