Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS8550LT1-SOT-23 Datasheet (PDF) - Jiangsu Changjiang Electronics Technology Co., Ltd

SS8550LT1-SOT-23 Datasheet PDF - Jiangsu Changjiang Electronics Technology Co., Ltd
Part # SS8550LT1-SOT-23
Download  SS8550LT1-SOT-23 Download

File Size   131.58 Kbytes
Page   2 Pages
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd
Description TRANSISTOR竊?PNP

SS8550LT1-SOT-23 Datasheet (PDF)

Go To PDF Page Download Datasheet
SS8550LT1-SOT-23 Datasheet PDF - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # SS8550LT1-SOT-23
Download  SS8550LT1-SOT-23 Click to download

File Size   131.58 Kbytes
Page   2 Pages
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd
Description TRANSISTOR竊?PNP

SS8550LT1-SOT-23 Datasheet (HTML) - Jiangsu Changjiang Electronics Technology Co., Ltd

SS8550LT1-SOT-23 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd SS8550LT1-SOT-23 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd

SS8550LT1-SOT-23 Product details

FEATURES
   Power dissipation
     PCM : 0.3 W( Tamb=25℃)
   Collector current
     ICM : -1.5 A
   Collector-base voltage
     V(BR)CBO : -40 V
   Operating and storage junction temperature range
     TJ, Tstg: -55℃ to +150℃




Similar Part No. - SS8550LT1-SOT-23

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
SS8550LT1 WEITRON-SS8550LT1 Datasheet
404Kb / 4P
   PNP General Purpose Transistors
SS8550LT1 WEITRON-SS8550LT1_09 Datasheet
351Kb / 4P
   PNP General Purpose Transistors
More results


Similar Description - SS8550LT1-SOT-23

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
A94 JIANGSU-A94 Datasheet
454Kb / 3P
   TRANSISTOR竊?PNP 竊
A733LT1 JIANGSU-A733LT1 Datasheet
131Kb / 2P
   TRANSISTOR竊?PNP 竊
A1015LT1 JIANGSU-A1015LT1 Datasheet
131Kb / 2P
   TRANSISTOR竊?PNP 竊
S9015LT1 JIANGSU-S9015LT1 Datasheet
131Kb / 2P
   TRANSISTOR竊?PNP 竊
KSA928A-TO-92L JIANGSU-KSA928A-TO-92L Datasheet
233Kb / 2P
   TRANSISTOR竊?PNP 竊
M8550 JIANGSU-M8550 Datasheet
34Kb / 1P
   TRANSISTOR 竊?PNP 竊
8550S JIANGSU-8550S Datasheet
353Kb / 3P
   TRANSISTOR竊?PNP 竊
A92 JIANGSU-A92 Datasheet
276Kb / 3P
   TRANSISTOR竊?PNP 竊
S9011 JIANGSU-S9011 Datasheet
125Kb / 2P
   TRANSISTOR竊?NPN 竊
S9011LT1 JIANGSU-S9011LT1 Datasheet
131Kb / 2P
   TRANSISTOR竊?NPN 竊
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com