Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S9011 Datasheet (PDF) - Jiangsu Changjiang Electronics Technology Co., Ltd

S9011 Datasheet PDF - Jiangsu Changjiang Electronics Technology Co., Ltd
Part # S9011
Download  S9011 Download

File Size   125.84 Kbytes
Page   2 Pages
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd
Description TRANSISTOR竊?NPN

S9011 Datasheet (PDF)

Go To PDF Page Download Datasheet
S9011 Datasheet PDF - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # S9011
Download  S9011 Click to download

File Size   125.84 Kbytes
Page   2 Pages
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd
Description TRANSISTOR竊?NPN

S9011 Datasheet (HTML) - Jiangsu Changjiang Electronics Technology Co., Ltd

S9011 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd S9011 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd

S9011 Product details

TRANSISTOR(NPN)

FEATURE
   Power dissipation
     PCM :  0.31    W(T amb=25℃)
   Collector current
     ICM: 0.03 A
   Collector-base voltage
     V(BR)CBO : 30  V
   Operating and storage junction temperature range
     Tj, Tstg:    -55℃to +150℃




Similar Part No. - S9011

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
S9011 BILIN-S9011 Datasheet
156Kb / 2P
   NPN Silicon Epitaxial Planar Transistor
logo
Daya Electric Group Co....
S9011 DAYA-S9011 Datasheet
823Kb / 1P
   TO-92 Plastic-Encapsulate Transistors
logo
SHENZHEN YONGERJIA INDU...
S9011 WINNERJOIN-S9011 Datasheet
125Kb / 1P
   TRANSISTOR (NPN)
logo
Diode Semiconductor Kor...
S9011 DSK-S9011 Datasheet
167Kb / 2P
   NPN Silicon Epitaxial Planar Transistor
logo
SUNMATE electronic Co.,...
S9011 SUNMATE-S9011 Datasheet
504Kb / 2P
   SILICON EPITAXIAL PLANAR TRANSISTOR
More results


Similar Description - S9011

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
S9011LT1 JIANGSU-S9011LT1 Datasheet
131Kb / 2P
   TRANSISTOR竊?NPN 竊
KSC2331-TO-92L JIANGSU-KSC2331-TO-92L Datasheet
80Kb / 1P
   TRANSISTOR竊?NPN 竊
3DD13002-TO-251 JIANGSU-3DD13002-TO-251 Datasheet
877Kb / 3P
   TRANSISTOR竊?NPN 竊
3DD13001-TO-92 JIANGSU-3DD13001-TO-92 Datasheet
328Kb / 3P
   TRANSISTOR竊?NPN 竊
3DD13001-TO-251 JIANGSU-3DD13001-TO-251 Datasheet
104Kb / 2P
   TRANSISTOR竊?NPN 竊
FMMT4124 JIANGSU-FMMT4124 Datasheet
407Kb / 3P
   TRANSISTOR竊?NPN 竊
C2611-TO-251 JIANGSU-C2611-TO-251 Datasheet
188Kb / 3P
   TRANSISTOR竊?NPN 竊
M8050 JIANGSU-M8050 Datasheet
260Kb / 3P
   TRANSISTOR 竊?NPN 竊
C1815LT1 JIANGSU-C1815LT1 Datasheet
131Kb / 2P
   TRANSISTOR竊?NPN 竊
logo
Avic Technology
AV945LT1 AVICTEK-AV945LT1 Datasheet
258Kb / 2P
   TRANSISTOR竊?NPN 竊
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com