Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2610011025000 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

2610011025000 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 2610011025000
Download  2610011025000 Download

File Size   573.54 Kbytes
Page   6 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WIRL-WIFS Calypso WIFI module T&R

2610011025000 Datasheet (PDF)

Go To PDF Page Download Datasheet
2610011025000 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 2610011025000
Download  2610011025000 Click to download

File Size   573.54 Kbytes
Page   6 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WIRL-WIFS Calypso WIFI module T&R

2610011025000 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


2610011025000 Product details

General:
• This electronic component is designed and developed with the intention for use in general electronic equipment.
• Würth Elektronik must be asked for written approval (following the PPAP procedure) before incorporating the components into any
equipment in fields such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control,
ship control), transportation signal, disaster prevention, medical, public information network, etc. where higher safety and reliability are
especially required and/or if there is the possibility of direct damage or human injury.
• Electronic components that will be used in safety-critical or high-reliability applications, should be pre-evaluated by the customer.
• The component was designed and manufactured to be used within the datasheet specified values. If the usage and operation conditions
specified in the datasheet are not met, the component may be damaged or dissolved.
• Do not drop or impact the components, as the body, pins or termination may flake apart.
• Würth Elektronik products are qualified according to international standards, which are listed in each product reliability report. Würth
Elektronik does not guarantee any customer qualified product characteristics beyond Würth Elektroniks’ specifications, for its validity and
sustainability over time.
• The customer is responsible for the functionality of their own products. All technical specifications for standard products also apply to
customer specific products.




Similar Part No. - 2610011025000

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
26100 CANDD-26100 Datasheet
101Kb / 2P
   Bobbin Wound Surface Mount Inductors
logo
Aven, Inc.
26100-258 AVEN-26100-258 Datasheet
640Kb / 2P
   Auto Focus HDMI/USB/SD
26100-259 AVEN-26100-259 Datasheet
891Kb / 1P
   w/ USB HDMI Outputs & SD Card Port
26100-260 AVEN-26100-260 Datasheet
458Kb / 1P
   5M Camera w/ Integrated 11.6” Monitor
logo
M/A-COM Technology Solu...
26100-B1 MA-COM-26100-B1 Datasheet
136Kb / 4P
   Electrical Characterization of Packages for Use with GaAs MMIC Amplifiers
More results


Similar Description - 2610011025000

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
2611011021000 WURTH-2611011021000 Datasheet
458Kb / 6P
   WIRL-PRO2 Thyone-I radio module 2.4GHz T&R
001.000
2611011021010 WURTH-2611011021010 Datasheet
633Kb / 7P
   WIRL-PRO2 Thetis-I Wirepas?줞esh module 2.4GHz T&R
001.000
2609041191000 WURTH-2609041191000 Datasheet
429Kb / 6P
   WIRL-PRO9 Themisto-I Radio module 915MHz 25dBm T&R
002.000
2613021137000 WURTH-2613021137000 Datasheet
615Kb / 7P
   WIRL-POSI Elara-II GPS-GLO GNSS module T&R
001.000
2614021137000 WURTH-2614021137000 Datasheet
636Kb / 7P
   WIRL-POSI Erinome-II GPS-GLOGAL- BDS GNSS module T&R
001.001
2611011024020 WURTH-2611011024020 Datasheet
786Kb / 7P
   WIRL-COMB Setebos-I Combined Proprietary 2.4GHz & BTLE module T&R
002.000
2609031181000 WURTH-2609031181000 Datasheet
429Kb / 6P
   WIRL-PRO8 Radio module 868MHz
004.000
logo
Abracon Corporation
APAMSJ-137 ABRACON-APAMSJ-137 Datasheet
2Mb / 2P
   WIFI Antenna Module
04.28.15
logo
Qorvo, Inc
QPM1002 QORVO-QPM1002 Datasheet
1Mb / 23P
   8.5 ??10.5 GHz GaN T/R Module
QPM2637 QORVO-QPM2637 Datasheet
1Mb / 18P
   9 ??10.5 GHz GaN T/R Module
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com