Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMMT4124 Datasheet (PDF) - Jiangsu Changjiang Electronics Technology Co., Ltd

FMMT4124 Datasheet PDF - Jiangsu Changjiang Electronics Technology Co., Ltd
Part # FMMT4124
Download  FMMT4124 Download

File Size   407.68 Kbytes
Page   3 Pages
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd
Description TRANSISTOR竊?NPN

FMMT4124 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMMT4124 Datasheet PDF - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # FMMT4124
Download  FMMT4124 Click to download

File Size   407.68 Kbytes
Page   3 Pages
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd
Description TRANSISTOR竊?NPN

FMMT4124 Datasheet (HTML) - Jiangsu Changjiang Electronics Technology Co., Ltd

FMMT4124 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd FMMT4124 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd FMMT4124 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd

FMMT4124 Product details

SOT-23 Plastic-Encapsulate Transistors
   
FEATURES
    Power dissipation
        PCM: 0.33W( Tamb=25℃)
    Collector current
        ICM: 0.2A
    Collector-base voltage
        V (BR) CBO: 30V
    Operating and storage junction temperature range
        TJ, Tstg: -55℃ to +150℃
   




Similar Part No. - FMMT4124

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT4124 ZETEX-FMMT4124 Datasheet
30Kb / 1P
   SOT23 NPN SILICON PLANAR SWITCHING TRANSISTOR
logo
Guangdong Kexin Industr...
FMMT4124 KEXIN-FMMT4124 Datasheet
37Kb / 2P
   Switching Transistors
logo
Rectron Semiconductor
FMMT4124 RECTRON-FMMT4124 Datasheet
297Kb / 2P
   SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
logo
Shenzhen Jin Yu Semicon...
FMMT4124 HTSEMI-FMMT4124 Datasheet
392Kb / 1P
   TRANSISTOR (NPN)
logo
Galaxy Semi-Conductor H...
FMMT4124 BILIN-FMMT4124 Datasheet
169Kb / 4P
   NPN Silicon Epitaxial Planar Transistor
More results


Similar Description - FMMT4124

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
S9011 JIANGSU-S9011 Datasheet
125Kb / 2P
   TRANSISTOR竊?NPN 竊
S9011LT1 JIANGSU-S9011LT1 Datasheet
131Kb / 2P
   TRANSISTOR竊?NPN 竊
KSC2331-TO-92L JIANGSU-KSC2331-TO-92L Datasheet
80Kb / 1P
   TRANSISTOR竊?NPN 竊
3DD13002-TO-251 JIANGSU-3DD13002-TO-251 Datasheet
877Kb / 3P
   TRANSISTOR竊?NPN 竊
3DD13001-TO-92 JIANGSU-3DD13001-TO-92 Datasheet
328Kb / 3P
   TRANSISTOR竊?NPN 竊
3DD13001-TO-251 JIANGSU-3DD13001-TO-251 Datasheet
104Kb / 2P
   TRANSISTOR竊?NPN 竊
C2611-TO-251 JIANGSU-C2611-TO-251 Datasheet
188Kb / 3P
   TRANSISTOR竊?NPN 竊
M8050 JIANGSU-M8050 Datasheet
260Kb / 3P
   TRANSISTOR 竊?NPN 竊
C1815LT1 JIANGSU-C1815LT1 Datasheet
131Kb / 2P
   TRANSISTOR竊?NPN 竊
logo
Avic Technology
AV945LT1 AVICTEK-AV945LT1 Datasheet
258Kb / 2P
   TRANSISTOR竊?NPN 竊
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com