Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KFD2-STC5-EX1.H Datasheet (PDF) - Pepperl+Fuchs Inc.

KFD2-STC5-EX1.H Datasheet PDF - Pepperl+Fuchs Inc.
Part # KFD2-STC5-EX1.H
Download  KFD2-STC5-EX1.H Download
File Size   1067.42 Kbytes
Page   6 Pages
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.
Description SMART Transmitter Power Supply

KFD2-STC5-EX1.H Datasheet (PDF)

Go To PDF Page Download Datasheet
KFD2-STC5-EX1.H Datasheet PDF - Pepperl+Fuchs Inc.

Part # KFD2-STC5-EX1.H
Download  KFD2-STC5-EX1.H Click to download

File Size   1067.42 Kbytes
Page   6 Pages
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.
Description SMART Transmitter Power Supply

KFD2-STC5-EX1.H Datasheet (HTML) - Pepperl+Fuchs Inc.


KFD2-STC5-EX1.H Product details

< 1-channel isolated barrier
< 24 V DC supply (Power Rail)
< Input 2-wire and 3-wire SMART transmitters and 2-wire SMART
current sources
< Output 0/4 mA ... 20 mA current sink/current source
< Terminals with test points
< High field voltage 17 V DC
< SIL 2 (SC 3) acc. to IEC/EN 61508




Similar Part No. - KFD2-STC5-EX1.H

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
KFD2-STC5-EX1.2O PF-KFD2-STC5-EX1.2O Datasheet
1Mb / 5P
SMART Transmitter Power Supply
KFD2-STC5-EX1.2O.H PF-KFD2-STC5-EX1.2O.H Datasheet
1Mb / 5P
SMART Transmitter Power Supply
2021-11-29
More results


Similar Description - KFD2-STC5-EX1.H

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
KCD2-STC-EX1.ES PF-KCD2-STC-EX1.ES Datasheet
924Kb / 6P
SMART Transmitter Power Supply
KCD2-STC-1 PF-KCD2-STC-1 Datasheet
1Mb / 4P
SMART Transmitter Power Supply
KFD2-STC5-1 PF-KFD2-STC5-1 Datasheet
942Kb / 5P
SMART Transmitter Power Supply
2021-11-29
KFD2-STC4-EX2 PF-KFD2-STC4-EX2 Datasheet
316Kb / 3P
SMART Transmitter Power Supply
HIC2027 PF-HIC2027 Datasheet
880Kb / 6P
SMART Transmitter Power Supply
HID2022SK PF-HID2022SK Datasheet
751Kb / 4P
SMART Transmitter Power Supply
KCD2-STC-EX1.SP PF-KCD2-STC-EX1.SP Datasheet
926Kb / 5P
SMART Transmitter Power Supply
logo
List of Unclassifed Man...
KFD2-STC4-1.2O ETC2-KFD2-STC4-1.2O Datasheet
203Kb / 3P
SMART Transmitter Power Supply
logo
Pepperl+Fuchs Inc.
KFD2-STV4-EX1-1 PF-KFD2-STV4-EX1-1 Datasheet
1Mb / 5P
SMART Transmitter Power Supply
2021-12-20
KFD2-STV4-EX2-1 PF-KFD2-STV4-EX2-1 Datasheet
1Mb / 5P
SMART Transmitter Power Supply
2021-12-20
KCD2-STC-1.2O PF-KCD2-STC-1.2O Datasheet
996Kb / 5P
SMART Transmitter Power Supply
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com