Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2600130083 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

2600130083 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 2600130083
Download  2600130083 Download

File Size   209.98 Kbytes
Page   1 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description Antenna 915 MHz

2600130083 Datasheet (PDF)

Go To PDF Page Download Datasheet
2600130083 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 2600130083
Download  2600130083 Click to download

File Size   209.98 Kbytes
Page   1 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description Antenna 915 MHz

2600130083 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.

2600130083 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany.

2600130083 Product details

Key Features
915 MHz
¼ Lambda Dipole Antenna
SMA/m connector
Description
The Hydra is a robust antenna for 915 MHz applications. The antenna has a SMA/m connector. With it’s high efficiency > 70% it is well suited for every application with critical range.
Because of the antenna technology, the dipole design, no additional ground plane is required.
Range of Application
The environmental robustness of IP65 and operating temperature of -40°C to 85°C makes the Hydra a good match for industrial applications. The Hydra suits as well for all 915 MHz applications like ISM, IoT, M2M and many more.




Similar Part No. - 2600130083

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
2600130081 WURTH-2600130081 Datasheet
106Kb / 1P
   868 MHz Antenna
2600130082 WURTH-2600130082 Datasheet
105Kb / 1P
   868 MHz Magnetic Mount Antenna
2600130084 WURTH-2600130084 Datasheet
926Kb / 9P
   WIRL-ACCE HATI-I LTE ANTENNA
001.001
2600130086 WURTH-2600130086 Datasheet
1Mb / 7P
   WIRL-ACCE Hermippe-III Antenna
001.000
More results


Similar Description - 2600130083

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
0915AT43A0042 JOHANSON-0915AT43A0042 Datasheet
356Kb / 3P
   915 MHz Antenna
0915AT43A0026 JOHANSON-0915AT43A0026 Datasheet
163Kb / 3P
   915 MHz Antenna
logo
World Produts Inc.
WPANT10022 WPI-WPANT10022 Datasheet
187Kb / 3P
   915 MHz PIFA Antenna
logo
TE Connectivity Ltd
2195835-1 TEC-2195835-1 Datasheet
823Kb / 7P
   ISM 868 / 915 MHz ANTENNA
logo
Abracon Corporation
ACAG1204-915-T ABRACON-ACAG1204-915-T Datasheet
5Mb / 4P
   915 MHz Ceramic Chip Antenna
06.21.2018
logo
Linx Technologies
ANT-915-IPW1-RPS LINX-ANT-915-IPW1-RPS Datasheet
1Mb / 12P
   915 MHz LPWA Weatherproof Antenna
2021
logo
TE Connectivity Ltd
2195849-1 TEC-2195849-1 Datasheet
798Kb / 7P
   ISM 868 / 915 MHz ANTENNA
logo
World Produts Inc.
WPANT10039 WPI-WPANT10039 Datasheet
65Kb / 2P
   915 MHz Stamped Metal Embedded Antenna
logo
Linx Technologies
ANT-916-WRT-SMA LINX-ANT-916-WRT-SMA Datasheet
1Mb / 12P
   915 MHz External Panel-Mount Antenna
2021
ANT-8-IPW1-SMA LINX-ANT-8-IPW1-SMA Datasheet
1Mb / 12P
   868/915 MHz LPWA Weatherproof Antenna
2021
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com