Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUR6060SPT Datasheet (PDF) - Shenzhen Luguang Electronic Technology Co., Ltd

MUR6060SPT Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd
Part # MUR6060SPT
Download  MUR6060SPT Download

File Size   2290.44 Kbytes
Page   4 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description Ultra-Fast Recovery Diodes 30A*2 FRED Pt

MUR6060SPT Datasheet (PDF)

Go To PDF Page Download Datasheet
MUR6060SPT Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd

Part # MUR6060SPT
Download  MUR6060SPT Click to download

File Size   2290.44 Kbytes
Page   4 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description Ultra-Fast Recovery Diodes 30A*2 FRED Pt

MUR6060SPT Datasheet (HTML) - Shenzhen Luguang Electronic Technology Co., Ltd

MUR6060SPT Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd MUR6060SPT Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd MUR6060SPT Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd MUR6060SPT Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd



Similar Part No. - MUR6060SPT

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
MUR6060 SIRECTIFIER-MUR6060 Datasheet
126Kb / 3P
   Ultra Fast Recovery Diodes
MUR6060 SIRECTIFIER-MUR6060 Datasheet
215Kb / 3P
   Ultra Fast Recovery Diodes
logo
Shenzhen Luguang Electr...
MUR6060P LUGUANG-MUR6060P Datasheet
2Mb / 4P
   Ultra-Fast Recovery Rectifier Diodes
Revision:20170701-P1
logo
RFE international
MUR6060P RFE-MUR6060P Datasheet
1Mb / 3P
   Ultra-Fast Recovery Rectifier Diodes
07-30-2020
logo
Thinki Semiconductor Co...
MUR6060PA THINKISEMI-MUR6060PA Datasheet
280Kb / 2P
   60.0 Ampere Heatsink Dual Common Anode Ultra Fast Recovery Rectifiers
Rev.07T
More results


Similar Description - MUR6060SPT

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
MUR6030PT LUGUANG-MUR6030PT Datasheet
2Mb / 4P
   Ultra-Fast Recovery Diodes 30A*2 FRED Pt
Revision:20170701-P1
MUR6020PT LUGUANG-MUR6020PT Datasheet
1Mb / 3P
   Ultra-Fast Recovery Diodes 30A*2 FRED Pt
Revision:20220701-P1
MUR30120P LUGUANG-MUR30120P Datasheet
1Mb / 4P
   Ultra-Fast Recovery Diodes 30A FRED Pt
Revision:20230411-P1
logo
RFE international
MUR3060P RFE-MUR3060P Datasheet
2Mb / 3P
   Ultra-Fast Recovery Recifier Diodes MUR3060P 30A FRED Pt
28-10-2020
logo
Shenzhen Luguang Electr...
MUR3060P LUGUANG-MUR3060P Datasheet
2Mb / 4P
   Super-Fast Recovery Diodes 30A FRED Pt
Revision:20170701-P1
MTSR3060P LUGUANG-MTSR3060P Datasheet
1Mb / 4P
   Super-Fast Recovery Diodes 30A FRED Pt
Revision:20220701-P1
MUR1040DC LUGUANG-MUR1040DC Datasheet
699Kb / 4P
   Ultra-Fast Recovery Diodes 5A*2 FRED Pt
Revision:20220414-P1
MUR3060PT LUGUANG-MUR3060PT Datasheet
852Kb / 4P
   Ultra-Fast Recovery Diodes 15A*2 FRED Pt
Revision:20220419-P1
logo
RFE international
MURB3060CT RFE-MURB3060CT Datasheet
2Mb / 4P
   Ultra-Fast Recovery Diodes 15A*2 FRED Pt
09-29-2022
MURB1660CT RFE-MURB1660CT Datasheet
2Mb / 4P
   Ultra-Fast Recovery Diodes 8A*2 FRED Pt
09-29-2022
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com