Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ431BK-BTR Datasheet (PDF) - BCD Semiconductor Manufacturing Limited

AZ431BK-BTR Datasheet PDF - BCD Semiconductor Manufacturing Limited
Part # AZ431BK-BTR
Download  AZ431BK-BTR Download

File Size   185.26 Kbytes
Page   2 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description ADJUSTABLE PRECISION SHUNT REGULATORS

AZ431BK-BTR Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ431BK-BTR Datasheet PDF - BCD Semiconductor Manufacturing Limited

Part # AZ431BK-BTR
Download  AZ431BK-BTR Click to download

File Size   185.26 Kbytes
Page   2 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description ADJUSTABLE PRECISION SHUNT REGULATORS

AZ431BK-BTR Datasheet (HTML) - BCD Semiconductor Manufacturing Limited

AZ431BK-BTR Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ431BK-BTR Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited

AZ431BK-BTR Product details

Description

The AZ431-A series ICs are three-terminal adjustable shunt regulators with guaranteed thermal stability over a full operation range. These ICs feature sharp turn-on char acteristics, low temperature coefficient and low output impedance, which make them ideal substitutes for Zener diodes in applications such as switching power supply, charger and other adjustable regulators.



Features

· Programmable Precise Output Voltage from 2.5V to 36V

· Very Accurate Reference Voltage: 0.15% Typical

· High Stability under Capacitive Load

· Low Temperature Deviation: 4.5mV Typical

· Low Equivalent Full-range Temperature Coefficient with 20PPM/°C Typical

· Low Dynamic Output Resistance: 0.2ΩTypical

· Sink Current Capacity from 1mA to 100 mA

· Low Output Noise

· Wide Operating Range of -40 to 125°C



Applications

· Charger

· Voltage Adapter

· Switching Power Supply

· Graphic Card

· Precision Voltage Reference




Similar Part No. - AZ431BK-BTR

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ431BK-BTR BCDSEMI-AZ431BK-BTR Datasheet
267Kb / 19P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Shanghai Leiditech Elec...
AZ431BK-BTR LEIDITECH-AZ431BK-BTR Datasheet
1Mb / 19P
   Programmable Precise Output Voltage from 2.5V to 36V or 18V
logo
BCD Semiconductor Manuf...
AZ431BK-BTRE1 BCDSEMI-AZ431BK-BTRE1 Datasheet
267Kb / 19P
   ADJUSTABLE PRECISION SHUNT REGULATORS
AZ431BK-BTRE1 BCDSEMI-AZ431BK-BTRE1 Datasheet
760Kb / 18P
   ADJUSTABLE PRECISION SHUNT REGULATORS
AZ431BK-BTRE1 BCDSEMI-AZ431BK-BTRE1 Datasheet
709Kb / 18P
   ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Similar Description - AZ431BK-BTR

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
   Adjustable Precision Shunt Regulators
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
   Adjustable Precision Shunt Regulators
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
List of Unclassifed Man...
431L ETC-431L Datasheet
92Kb / 3P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Bookly Micro electronic
BM431 BOOKLY-BM431 Datasheet
171Kb / 10P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431SKA3 CYSTEKEC-TL431SKA3 Datasheet
453Kb / 9P
   Adjustable Precision Shunt Regulators
logo
BCD Semiconductor Manuf...
AS431 BCDSEMI-AS431 Datasheet
159Kb / 17P
   ADJUSTABLE PRECISION SHUNT REGULATORS
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com