Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS78L05R Datasheet (PDF) - BCD Semiconductor Manufacturing Limited

AS78L05R Datasheet PDF - BCD Semiconductor Manufacturing Limited
Part # AS78L05R
Download  AS78L05R Download

File Size   175.44 Kbytes
Page   15 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description 100mA POSITIVE VOLTAGE REGULATOR

AS78L05R Datasheet (PDF)

Go To PDF Page Download Datasheet
AS78L05R Datasheet PDF - BCD Semiconductor Manufacturing Limited

Part # AS78L05R
Download  AS78L05R Click to download

File Size   175.44 Kbytes
Page   15 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description 100mA POSITIVE VOLTAGE REGULATOR

AS78L05R Datasheet (HTML) - BCD Semiconductor Manufacturing Limited

Back Button AS78L05R Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AS78L05R Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AS78L05R Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AS78L05R Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AS78L05R Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AS78L05R Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS78L05R Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS78L05R Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS78L05R Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AS78L05R Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button 

AS78L05R Product details

General Description
The AS78LXX series are three terminal positive regulators designed for a wide variety of applications including local, on-card regulation.
This series of regulators are complete with internal current limiting, thermal shutdown protection, and safe-area compensation which make them virtually immune from output overload. If adequate heat sinking are provided, these regulators can deliver output currents up to 100mA.
The AS78LXX series are available in TO-92 (bulk or ammo packing), SOT-89 and SOIC-8 packages.

Features
• Output Current up to 100mA
• Fixed Output Voltages of 5V, 12V, 15V, 18V and 24V
• Output Voltage Accuracy of ±5% over the Full Temperature Range
• Internal Short Circuit Current Limiting
• Internal Thermal Overload Protection
• No External Components
• Output Transistor Safe-area Protection

Applications
• Consumer Electronics
• Microprocessor Power Supply
• Mother Board




Similar Part No. - AS78L05R

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AS78L05RTR-E1 BCDSEMI-AS78L05RTR-E1 Datasheet
202Kb / 16P
   100mA POSITIVE VOLTAGE REGULATOR
AS78L05RTR-E1 BCDSEMI-AS78L05RTR-E1 Datasheet
874Kb / 20P
   100mA POSITIVE VOLTAGE REGULATOR
AS78L05RTR-E1 BCDSEMI-AS78L05RTR-E1 Datasheet
972Kb / 18P
   100mA POSITIVE VOLTAGE REGULATOR
logo
Diodes Incorporated
AS78L05RTR-E1 DIODES-AS78L05RTR-E1 Datasheet
402Kb / 17P
   100mA POSITIVE VOLTAGE REGULATOR
logo
BCD Semiconductor Manuf...
AS78L05RTR-G1 BCDSEMI-AS78L05RTR-G1 Datasheet
874Kb / 20P
   100mA POSITIVE VOLTAGE REGULATOR
More results


Similar Description - AS78L05R

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AS78L05Z-E1 BCDSEMI-AS78L05Z-E1_09 Datasheet
874Kb / 20P
   100mA POSITIVE VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM78L00 GAMMA-GM78L00_12 Datasheet
178Kb / 12P
   100mA POSITIVE VOLTAGE REGULATOR
logo
BCD Semiconductor Manuf...
AS78LXX BCDSEMI-AS78LXX_13 Datasheet
972Kb / 18P
   100mA POSITIVE VOLTAGE REGULATOR
AS78LXX BCDSEMI-AS78LXX_07 Datasheet
202Kb / 16P
   100mA POSITIVE VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE78LXXG ACE-ACE78LXXG Datasheet
657Kb / 10P
   100mA Positive Voltage Regulator
VER1.5
logo
TAITRON Components Inco...
LM78L TAITRON-LM78L Datasheet
589Kb / 14P
   100mA Positive Voltage Regulator
logo
Diodes Incorporated
AS78LXX DIODES-AS78LXX Datasheet
402Kb / 17P
   100mA POSITIVE VOLTAGE REGULATOR
logo
TAITRON Components Inco...
LM317L TAITRON-LM317L Datasheet
305Kb / 8P
   100mA Adjustable Positive Voltage Regulator
LA317L TAITRON-LA317L Datasheet
342Kb / 9P
   100mA Adustable Positive Voltage Regulator
logo
Sipex Corporation
SP78LXX SIPEX-SP78LXX Datasheet
481Kb / 11P
   100mA 3-Terminal Positive Voltage Regulator
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com