Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WCMC1616V9X Datasheet (PDF) - Weida Semiconductor, Inc.

WCMC1616V9X Datasheet PDF - Weida Semiconductor, Inc.
Part # WCMC1616V9X
Download  WCMC1616V9X Download
File Size   217.45 Kbytes
Page   13 Pages
Manufacturer  WEIDA [Weida Semiconductor, Inc.]
Direct Link  http://www.weida.com.my/website/
Logo WEIDA - Weida Semiconductor, Inc.
Description 1Mb x 16 Pseudo Static RAM

WCMC1616V9X Datasheet (PDF)

Go To PDF Page Download Datasheet
WCMC1616V9X Datasheet PDF - Weida Semiconductor, Inc.

Part # WCMC1616V9X
Download  WCMC1616V9X Click to download

File Size   217.45 Kbytes
Page   13 Pages
Manufacturer  WEIDA [Weida Semiconductor, Inc.]
Direct Link  http://www.weida.com.my/website/
Logo WEIDA - Weida Semiconductor, Inc.
Description 1Mb x 16 Pseudo Static RAM

WCMC1616V9X Datasheet (HTML) - Weida Semiconductor, Inc.


WCMC1616V9X Product details

Functional Description[1]
The WCMC1616V9X is a high-performance CMOS pseudo static RAMs (PSRAM) organized as 1M words by 16 bits that supports an asynchronous memory interface. This device features advanced circuit design to provide ultra-low active current. This is ideal for providing More Battery LifeTM (MoBL®) in portable applications such as cellular telephones.
   
Features
• 1T Cell, PSRAM Architecture
• High speed: 70 ns
• Wide Voltage range:
    — VCC range: 2.7V to 3.3V
• Low active power
    — Typical active current: 2 mA @ f = 1 MHz
    — Typical active current: 13 mA @ f = fMAX
• Low standby power
• Automatic power-down when deselected
   




Similar Part No. - WCMC1616V9X

ManufacturerPart #DatasheetDescription
logo
Weida Semiconductor, In...
WCMC2016V1X WEIDA-WCMC2016V1X Datasheet
135Kb / 5P
128K x 16 Pseudo Static RAM DIE
WCMC2016V1X-2XW11I WEIDA-WCMC2016V1X-2XW11I Datasheet
135Kb / 5P
128K x 16 Pseudo Static RAM DIE
WCMC2016V1X-2XW14I WEIDA-WCMC2016V1X-2XW14I Datasheet
135Kb / 5P
128K x 16 Pseudo Static RAM DIE
WCMC2016V1X-2XWI WEIDA-WCMC2016V1X-2XWI Datasheet
135Kb / 5P
128K x 16 Pseudo Static RAM DIE
WCMC8016V9X WEIDA-WCMC8016V9X Datasheet
219Kb / 12P
8Mb (512K x 16) Pseudo Static RAM
More results


Similar Description - WCMC1616V9X

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYK001M16ZCCA CYPRESS-CYK001M16ZCCA Datasheet
321Kb / 11P
16-Mbit (1M x 16) Pseudo Static RAM
logo
Weida Semiconductor, In...
CG6257AM WEIDA-CG6257AM Datasheet
264Kb / 12P
4Mb (256K x 16) Pseudo Static RAM
CG6263AM WEIDA-CG6263AM Datasheet
216Kb / 12P
2Mb (128K x 16) Pseudo Static RAM
WCMC8016V9X WEIDA-WCMC8016V9X Datasheet
219Kb / 12P
8Mb (512K x 16) Pseudo Static RAM
logo
Cypress Semiconductor
CYK001M16SCCA CYPRESS-CYK001M16SCCA Datasheet
178Kb / 10P
16-Mbit (1M x 16) Pseudo Static RAM
CYU01M16SFE CYPRESS-CYU01M16SFE Datasheet
508Kb / 11P
16-Mbit (1M x 16) Pseudo Static RAM
CYU01M16SCE CYPRESS-CYU01M16SCE Datasheet
490Kb / 11P
16-Mbit (1M x 16) Pseudo Static RAM
CYU01M16SFCU CYPRESS-CYU01M16SFCU Datasheet
452Kb / 12P
16-Mbit (1M x 16) Pseudo Static RAM
logo
Elite Semiconductor Mem...
M24L16161DA ESMT-M24L16161DA Datasheet
354Kb / 12P
16-Mbit (1M x 16) Pseudo Static RAM
M24L16161ZA ESMT-M24L16161ZA Datasheet
384Kb / 15P
16-Mbit (1M x 16) Pseudo Static RAM
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com