Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XP131A1715SR Datasheet (PDF) - Torex Semiconductor

XP131A1715SR Datasheet PDF - Torex Semiconductor
Part # XP131A1715SR
Download  XP131A1715SR Download

File Size   224.78 Kbytes
Page   4 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description N-Channel Power MOS FET

XP131A1715SR Datasheet (PDF)

Go To PDF Page Download Datasheet
XP131A1715SR Datasheet PDF - Torex Semiconductor

Part # XP131A1715SR
Download  XP131A1715SR Click to download

File Size   224.78 Kbytes
Page   4 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description N-Channel Power MOS FET

XP131A1715SR Datasheet (HTML) - Torex Semiconductor


XP131A1715SR Product details

■ GENERAL DESCRIPTION
The XP131A1715SR is an N-channel Power MOSFET with low on-state resistance and ultra high-speed switching characteristics.
Because high-speed switching is possible, the IC can be efficiently set thereby saving energy
The small SOP-8 package makes high density mounting possible

■ FEATURES
    Low On-State Resistance : Rds(on)= 0.012Ω (Vgs=4.5V) : Rds(on)= 0.015Ω (Vgs=2.5V) : Rds(on)= 0.025Ω (Vgs=1.5V)
    Ultra High-Speed Switching
    Driving Voltage : 1.5V
    N-Channel Power MOSFET
    DMOS Structure
    Package : SOP-8

■ APPLICATIONS
● Notebook PCs
● Cellular and portable phones
● On-board power supplies
● Li-ion battery systems




Similar Part No. - XP131A1715SR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XP131A1715SR TOREX-XP131A1715SR Datasheet
439Kb / 5P
   Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
   Power MOSFET
More results


Similar Description - XP131A1715SR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Torex Semiconductor
XP131A0232SR TOREX-XP131A0232SR Datasheet
174Kb / 4P
   N-Channel Power MOS FET
XP133A0175SR TOREX-XP133A0175SR Datasheet
171Kb / 4P
   N-Channel Power MOS FET
logo
Renesas Technology Corp
NP120N04NUK RENESAS-NP120N04NUK Datasheet
347Kb / 8P
   N-channel Power MOS FET
NP60N06PDK RENESAS-NP60N06PDK Datasheet
366Kb / 9P
   N-channel Power MOS FET
NP179N04TUK RENESAS-NP179N04TUK Datasheet
332Kb / 8P
   N-channel Power MOS FET
logo
Torex Semiconductor
XP131A0526SR TOREX-XP131A0526SR Datasheet
184Kb / 4P
   N-Channel Power MOS FET
logo
Renesas Technology Corp
NP45N06VDK RENESAS-NP45N06VDK Datasheet
371Kb / 9P
   N-channel Power MOS FET
NP119N04NUK RENESAS-NP119N04NUK Datasheet
347Kb / 8P
   N-channel Power MOS FET
logo
Torex Semiconductor
XP133A1330SR TOREX-XP133A1330SR Datasheet
193Kb / 4P
   N-Channel Power MOS FET
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com