Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN1537DC Datasheet (PDF) - Fairchild Semiconductor

FAN1537DC Datasheet PDF - Fairchild Semiconductor
Part # FAN1537DC
Download  FAN1537DC Download

File Size   347.12 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Dual 1A Adjustable/Fixed Low Dropout Linear Regulators

FAN1537DC Datasheet (PDF)

Go To PDF Page Download Datasheet
FAN1537DC Datasheet PDF - Fairchild Semiconductor

Part # FAN1537DC
Download  FAN1537DC Click to download

File Size   347.12 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Dual 1A Adjustable/Fixed Low Dropout Linear Regulators

FAN1537DC Datasheet (HTML) - Fairchild Semiconductor

FAN1537DC Datasheet HTML 1Page - Fairchild Semiconductor FAN1537DC Datasheet HTML 2Page - Fairchild Semiconductor FAN1537DC Datasheet HTML 3Page - Fairchild Semiconductor FAN1537DC Datasheet HTML 4Page - Fairchild Semiconductor FAN1537DC Datasheet HTML 5Page - Fairchild Semiconductor FAN1537DC Datasheet HTML 6Page - Fairchild Semiconductor FAN1537DC Datasheet HTML 7Page - Fairchild Semiconductor FAN1537DC Datasheet HTML 8Page - Fairchild Semiconductor

FAN1537DC Product details

Description
The FAN1537 provides 2 output voltages: 3.3V, and either adjustable or 2.5V or 1.8V fixed with 1.0A each output current capability. These devices have been optimized for low voltage where transient response and minimum input voltage are critical.

Features
• Low dropout voltage
• Load regulation: 0.05% typical
• On-chip thermal limiting
• SO-8 and 5-lead SPAK and TO-252 DPAK packages
• Fixed 3.3V, and adjustable or 2.5V or 1.8V fixed
• Stable with low ESR output capacitors

Applications
• Hard Disk Drives, CD-ROMs, DVDs
• High efficiency linear regulators
• Post regulators for switching supplies
• ADSL and Cable Modems
• 5V to 3.3V and 2.5V linear regulators
• Motherboard with multiple supplies




Similar Part No. - FAN1537DC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1537 FAIRCHILD-FAN1537 Datasheet
340Kb / 8P
   Dual 1A Adjustable/Fixed Low Dropout Linear Regulators
More results


Similar Description - FAN1537DC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1537 FAIRCHILD-FAN1537 Datasheet
340Kb / 8P
   Dual 1A Adjustable/Fixed Low Dropout Linear Regulators
RC1117 FAIRCHILD-RC1117 Datasheet
48Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS1117 AMS-AMS1117 Datasheet
894Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Leshan Radio Company
LR1117A LRC-LR1117A Datasheet
148Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Fairchild Semiconductor
FAN1117A FAIRCHILD-FAN1117A Datasheet
49Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
List of Unclassifed Man...
RT9164 ETC-RT9164 Datasheet
266Kb / 12P
   1A FIXED AND ADJUSTABLE LOW DROPOUT POSITIVE VOLTAGE REGULATORS
logo
Advanced Power Electron...
APU1206 A-POWER-APU1206_16 Datasheet
231Kb / 10P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
International Rectifier
IRU1206 IRF-IRU1206 Datasheet
114Kb / 8P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
Advanced Power Electron...
APU1206 A-POWER-APU1206 Datasheet
187Kb / 9P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
International Rectifier
IRU1206 IRF-IRU1206 Datasheet
94Kb / 12P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com