Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML9040A Datasheet (PDF) - OKI electronic componets

ML9040A Datasheet PDF - OKI electronic componets
Part # ML9040A
Download  ML9040A Download
File Size   435.9 Kbytes
Page   49 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER

ML9040A Datasheet (PDF)

Go To PDF Page Download Datasheet
ML9040A Datasheet PDF - OKI electronic componets

Part # ML9040A
Download  ML9040A Click to download

File Size   435.9 Kbytes
Page   49 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER

ML9040A Datasheet (HTML) - OKI electronic componets


ML9040A Product details

GENERAL DESCRIPTION

The ML9040A-Axx/-Bxx is a dot matrix LCD controller which is fabricated in low power CMOS silicon gate technology.  Character display on the dot matrix character type LCD can be controlled in combination with a 4-bit or 8-bit microcontroller.  This LSI consists of 16-dot COMMON driver, 40-dot SEGMENT driver, display data RAM, character generator RAM, character generator ROM and control circuit.



FEATURES

• Easy interface with an 8-bit or 4-bit microcontroller.

• Dot matrix LCD controller/driver for lowercase (5 x 7 dots) or uppercase (5 x 10 dots).

• Automatic power ON reset.

• COMMON signal drivers (16) and SEGMENT signal drivers (40).

• Can control up to 80 characters when used in combination with MSM5259.

• Character generator ROM for 160 characters with lowercase (5 x 7 dots) and 32 characters with

uppercase (5 x 10 dots).

• Character patterns are programmable by character generator RAM.  (Lowercase:  5 x 8 dots, 8 patterns, uppercase:  5 x 11 dots, 4 patterns).

• Built-in oscillation circuit to connect with external resistor or ceralock.

• 1/8 duty (1 line; 5 x 7 dots + cursor), 1/11 duty (1 line; 5 x 10 dots + cursor), or 1/16 duty (2

lines; 5 x 7 dots + cursor), selectable.

• Clear display even at 1/5 bias, 3.0V LCD driving voltage.

• LCD driving waveform

  ML9040A-Axx:  A mode

  ML9040A-Bxx:  B mode

• Package options:

  80-pin plastic QFP(QFP80-P-1420-0.80-BK)(Product name: ML9040A-Axx/-BxxGA)

  Al pad chip                                        (Product name: ML9040A-Axx/-BxxWA)

                                                                     xx  indicates code number.

                                                                     01 indicates standard code number.




Similar Part No. - ML9040A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9040 OKI-ML9040 Datasheet
434Kb / 47P
DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
ML9040-AXX OKI-ML9040-AXX Datasheet
434Kb / 47P
DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
ML9040-BXX OKI-ML9040-BXX Datasheet
434Kb / 47P
DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
More results


Similar Description - ML9040A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9040 OKI-ML9040 Datasheet
434Kb / 47P
DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
MSM5839B1111 OKI-MSM5839B1111 Datasheet
134Kb / 7P
DOT MATRIX LCD 40 DOT SEGMENT DRIVER
MSM6222B-01 OKI-MSM6222B-01 Datasheet
825Kb / 37P
DOT MATRIX LCD CONTROLLER WITH 16 DOT COMMON DRIVER AND 40 DOT SEGMENT DRTVER
MSM6222B OKI-MSM6222B Datasheet
390Kb / 45P
DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
MSM6262 OKI-MSM6262 Datasheet
383Kb / 52P
DOT MATRIX LCD CONTROLLER WITH 48-DOT COMMON DRIVER
MSM6665 OKI-MSM6665 Datasheet
261Kb / 30P
DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM6665C OKI-MSM6665C Datasheet
499Kb / 31P
DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM9005 OKI-MSM9005 Datasheet
296Kb / 30P
DOT MATRIX LCD CONTROLLER WITH 8-DOT COMMON DRIVER AND 65-DOT SEGMENT DRIVER
logo
Holtek Semiconductor In...
HT1602 HOLTEK-HT1602 Datasheet
215Kb / 6P
40 Dot Matrix LCD Segment Driver
logo
OKI electronic componet...
MSM6555B-XX OKI-MSM6555B-XX Datasheet
208Kb / 27P
DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com