Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM5412222B Datasheet (PDF) - OKI electronic componets

MSM5412222B Datasheet PDF - OKI electronic componets
Part # MSM5412222B
Download  MSM5412222B Download

File Size   134.93 Kbytes
Page   17 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 262,214-Word12-Bit Field Memory

MSM5412222B Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM5412222B Datasheet PDF - OKI electronic componets

Part # MSM5412222B
Download  MSM5412222B Click to download

File Size   134.93 Kbytes
Page   17 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 262,214-Word12-Bit Field Memory

MSM5412222B Datasheet (HTML) - OKI electronic componets


MSM5412222B Product details

GENERAL DESCRIPTION

The OKI MSM5412222B is a high performance 3-Mbit, 256K × 12-bit, Field Memory. It is especially designed for high-speed serial access applications such as HDTVs, conventional NTSC TVs, VTRs, digital movies and Multi-media systems. MSM5412222B is a FRAM for wide or low end use in general commodity TVs and VTRs exclusively. MSM5412222B is not designed for the other use or high end use in medical systems, professional graphics systems which require long term picture storage, data storage systems and others. More than two MSM5412222Bs can be cascaded directly without any delay devices among the MSM5412222Bs. (Cascading of MSM5412222B provides larger storage depth or a longer delay).



FEATURES

• Single power supply: 5.0 V ±0.5 V

• 262,214 words × 12 bits

• Fast FIFO (First-In First-Out) operation

• High speed asynchronous serial access

                Read/write cycle time 25 ns/30 ns

                Access time 23 ns/25 ns

• Direct cascading capability

• Write mask function (Input enable control)

• Data skipping function (Output enable control)

• Self refresh (No refresh control is required)

• Package options:

44-pin 400 mil plastic TSOP (Type 2) (TSOP(2)44-P-400-0.80-K) (Product:MSM5412222B-xxTS-K)

40-pin 400 mil plastic SOJ (SOJ40-P-400-1.27) (Product: MSM5412222B-xxJS)

xx indicates speed rank.




Similar Part No. - MSM5412222B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5412222 OKI-MSM5412222 Datasheet
170Kb / 15P
   262,214-Word x 12-Bit Field Memory
MSM5412222A OKI-MSM5412222A Datasheet
68Kb / 13P
   262,214-Word x 12-Bit Field Memory
More results


Similar Description - MSM5412222B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM54V12222B OKI-MSM54V12222B Datasheet
135Kb / 17P
   262,214-Word 횞 12-Bit Field Memory
MSM5412222 OKI-MSM5412222 Datasheet
170Kb / 15P
   262,214-Word x 12-Bit Field Memory
MSM5412222A OKI-MSM5412222A Datasheet
68Kb / 13P
   262,214-Word x 12-Bit Field Memory
MSM518222 OKI-MSM518222 Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
MSM518221 OKI-MSM518221 Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
MSM51V8221A OKI-MSM51V8221A Datasheet
200Kb / 17P
   262,214-Word x 8-Bit Field Memory
MSM518222A OKI-MSM518222A Datasheet
192Kb / 17P
   262,214-Word X 8-Bit Field Memory
MSM518221A OKI-MSM518221A Datasheet
200Kb / 17P
   262,214-Word x 8-Bit Field Memory
MSM51V8222A OKI-MSM51V8222A Datasheet
200Kb / 17P
   262,214-Word x 8-Bit Field Memory
MSM51V4222C OKI-MSM51V4222C Datasheet
237Kb / 16P
   262,263-Word 횞 4-Bit Field Memory
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com