Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN7800R Datasheet (PDF) - Panasonic Semiconductor

AN7800R Datasheet PDF - Panasonic Semiconductor
Part # AN7800R
Download  AN7800R Download

File Size   52.47 Kbytes
Page   6 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Positive Output Voltage Regulators with Reset pin 1A/500mA Type

AN7800R Datasheet (PDF)

Go To PDF Page Download Datasheet
AN7800R Datasheet PDF - Panasonic Semiconductor

Part # AN7800R
Download  AN7800R Click to download

File Size   52.47 Kbytes
Page   6 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Positive Output Voltage Regulators with Reset pin 1A/500mA Type

AN7800R Datasheet (HTML) - Panasonic Semiconductor

AN7800R Datasheet HTML 1Page - Panasonic Semiconductor AN7800R Datasheet HTML 2Page - Panasonic Semiconductor AN7800R Datasheet HTML 3Page - Panasonic Semiconductor AN7800R Datasheet HTML 4Page - Panasonic Semiconductor AN7800R Datasheet HTML 5Page - Panasonic Semiconductor AN7800R Datasheet HTML 6Page - Panasonic Semiconductor

AN7800R Product details

■ Overview
The AN7800R and the AN78M00R series are the fixed positive output voltage regulators with reset pin. Stabilized fixed output voltage is obtained from unstable DC input voltage without using any external components. Three types of output voltage, 5V, 9V and 12V, are available for the AN7800R series, and four types, 5V, 8V, 9V and 12V, are available for the AN78M00R series. They can be used in power circuits with current capacitance 1A/500mA. ON/OFF of output voltage can be controlled by the reset pin.

■ Features
• No external components
• Maximum output current :1A (AN7800R) 500mA (AN78M00R)
• Output voltage :5V, 9V, 12V (AN7800R) :8V (AN78M08R)
• Short-circuit current limiting built-in
• Thermal overload protection built-in
• Output transistor safe area compensation
• ON/OFF of output voltage can be controlled by reset pin.




Similar Part No. - AN7800R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7800 PANASONIC-AN7800 Datasheet
67Kb / 8P
   3-pin Positive Output Voltage Regulator 1A Type
AN7800F PANASONIC-AN7800F Datasheet
67Kb / 8P
   3-pin Positive Output Voltage Regulator 1A Type
More results


Similar Description - AN7800R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN78M00 PANASONIC-AN78M00 Datasheet
70Kb / 9P
   3-pin Positive Output Voltage Regulators 500mA Type
AN79M00 PANASONIC-AN79M00 Datasheet
70Kb / 9P
   3-pin Negative Output Voltage Regulators 500mA Type
AN7900T PANASONIC-AN7900T Datasheet
102Kb / 8P
   3-pin Negative Output Voltage Regulators 1A Type
logo
E-CMOS Corporation
EC78XXM E-CMOS-EC78XXM Datasheet
893Kb / 15P
   500mA Positive Voltage Regulators
logo
Panasonic Semiconductor
AN7800 PANASONIC-AN7800 Datasheet
67Kb / 8P
   3-pin Positive Output Voltage Regulator 1A Type
logo
Global Mixed-mode Techn...
G78MXX GMT-G78MXX Datasheet
78Kb / 1P
   1A Positive Voltage Regulators
logo
List of Unclassifed Man...
CYT8117 ETC2-CYT8117 Datasheet
1Mb / 6P
   1A Positive Voltage Regulators
logo
E-CMOS Corporation
EC50117E E-CMOS-EC50117E Datasheet
637Kb / 6P
   1A Positive Voltage Regulators
logo
Seaward Electronics Inc...
SE8117 SEAWARD-SE8117 Datasheet
361Kb / 8P
   1A Positive Voltage Regulators
logo
List of Unclassifed Man...
SE8117 ETC-SE8117 Datasheet
162Kb / 5P
   1A Positive Voltage Regulators
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com