Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AN6915 Datasheet (PDF) - Panasonic Semiconductor

AN6915 Datasheet PDF - Panasonic Semiconductor
Part No. AN6915
Download  AN6915 Click to view

File Size   38.12 Kbytes
Page   3 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Large Sink Current Dual Comparators

AN6915 Datasheet (PDF)

Go To PDF Page Download Datasheet
AN6915 Datasheet PDF - Panasonic Semiconductor

Part No. AN6915
Download  AN6915 Click to view

File Size   38.12 Kbytes
Page   3 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Large Sink Current Dual Comparators

AN6915 Datasheet (HTML) - Panasonic Semiconductor

AN6915 Datasheet HTML 1Page - Panasonic Semiconductor AN6915 Datasheet HTML 2Page - Panasonic Semiconductor AN6915 Datasheet HTML 3Page - Panasonic Semiconductor

AN6915 Product details

■ Features
• Large sink current (70mA), direct drive for relays or
lamps
• Wide range of supply voltage:VCC (opr.)=2 to 36V
• Wide range common-mode input voltage
:0 to VCC–1.5V
• Open collector output



Similar Part No. - AN6915

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
AN6912 ETC2-AN6912 Datasheet
2Mb / 31P
   SEMICONDUCTORS
Panasonic Semiconductor
Panasonic Semiconductor
AN6912N PANASONIC-AN6912N Datasheet
44Kb / 3P
   Quadruple Comparators
AN6913 PANASONIC-AN6913 Datasheet
30Kb / 3P
   Dual Comparators
AN6913L PANASONIC-AN6913L Datasheet
30Kb / 3P
   Dual Comparators
AN6914 PANASONIC-AN6914 Datasheet
29Kb / 3P
   Dual Comparators
More results

Similar Description - AN6915

ManufacturerPart No.DatasheetDescription
Burr-Brown (TI)
Burr-Brown (TI)
REF200 BURR-BROWN-REF200_07 Datasheet
235Kb / 17P
   DUAL CURRENT SOURCE/CURRENT SINK
Panasonic Semiconductor
Panasonic Semiconductor
AN1393 PANASONIC-AN1393 Datasheet
29Kb / 3P
   Dual Comparators
Burr-Brown (TI)
Burr-Brown (TI)
REF200 BURR-BROWN-REF200 Datasheet
250Kb / 15P
   DUAL CURRENT SOURCE/CURRENT SINK
Ceramate Technical
Ceramate Technical
CO393 CERAMATE-CO393 Datasheet
95Kb / 4P
   Dual comparators
Renesas Technology Corp
Renesas Technology Corp
HA17393B RENESAS-HA17393B_15 Datasheet
303Kb / 10P
   Dual Comparators
Panasonic Semiconductor
Panasonic Semiconductor
AN6913 PANASONIC-AN6913 Datasheet
30Kb / 3P
   Dual Comparators
Renesas Technology Corp
Renesas Technology Corp
HA17903A RENESAS-HA17903A Datasheet
103Kb / 9P
   Dual Comparators
Rohm
Rohm
BA10393 ROHM-BA10393 Datasheet
52Kb / 4P
   Dual comparators
Renesas Technology Corp
Renesas Technology Corp
HA17393A RENESAS-HA17393A_15 Datasheet
130Kb / 11P
   Dual Comparators
HA17903A RENESAS-HA17903A_15 Datasheet
130Kb / 11P
   Dual Comparators
More results

Datasheet Page

1  2  3 


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz