Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE4256 Datasheet (PDF) - Peregrine Semiconductor Corp.

PE4256 Datasheet PDF - Peregrine Semiconductor Corp.
Part # PE4256
Download  PE4256 Download

File Size   348.99 Kbytes
Page   8 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description 75 廓 SPDT CATV UltraCMOS??Switch DC - 3.0 GHz

PE4256 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE4256 Datasheet PDF - Peregrine Semiconductor Corp.

Part # PE4256
Download  PE4256 Click to download

File Size   348.99 Kbytes
Page   8 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description 75 廓 SPDT CATV UltraCMOS??Switch DC - 3.0 GHz

PE4256 Datasheet (HTML) - Peregrine Semiconductor Corp.

PE4256 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE4256 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE4256 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE4256 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE4256 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE4256 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE4256 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE4256 Datasheet HTML 8Page - Peregrine Semiconductor Corp.

PE4256 Product details

Product Description
The PE4256 is an UltraCMOS™ Switch designed for CATV applications, covering a broad frequency range from 5 MHz up to 3 GHz. This single-supply SPDT switch integrates a two-pin CMOS control interface. It also provides low insertion loss with extremely low bias requirements while operating on a single 3-volt supply. In a typical CATV application, the PE4256 provides for a cost effective and manufacturable solution when compared to mechanical relays.

Features
• 75 Ω characteristic impedance
• Integrated 75 Ω terminations
• CTB performance of -90 dBc
• High isolation 65 dB at 1000 MHz
• Low insertion loss: typically 0.5 dB at 5 MHz, 0.9 dB at 1000 MHz
• High input IP3: >50 dBm
• CMOS two-pin control
• Single +3 volt supply operation
• Low current consumption: 8 μA
• Unique all off terminated mode
• 4 x 4 mm QFN package




Similar Part No. - PE4256

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE4256 PSEMI-PE4256 Datasheet
295Kb / 8P
   SPDT CATV UltraCMOS Switch
logo
Peregrine Semiconductor...
PE4256 PEREGRINE-PE4256 Datasheet
295Kb / 8P
   75 廓 SPDT CATV UltraCMOS
logo
Pasternack Enterprises,...
PE4256 PASTERNACK-PE4256 Datasheet
325Kb / 3P
   75 Ohm SMC Jack Bulkhead Mount Connector Crimp/Solder Attachment
logo
Peregrine Semiconductor
PE42562 PSEMI-PE42562 Datasheet
796Kb / 20P
   SP6T RF Switch, 9 kHz?? GHz
PE42562A-X PSEMI-PE42562A-X Datasheet
796Kb / 20P
   SP6T RF Switch, 9 kHz?? GHz
More results


Similar Description - PE4256

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4280 PEREGRINE-PE4280 Datasheet
462Kb / 8P
   75 廓 SPDT CATV UltraCMOS??Switch DC - 2.2 GHz
PE4274 PEREGRINE-PE4274 Datasheet
468Kb / 12P
   75廓 Terminated - 2.2 GHz SPDT CATV UltraCMOS??Switch
logo
Peregrine Semiconductor
PE4280 PSEMI-PE4280_14 Datasheet
882Kb / 8P
   75 廓 SPDT CATV UltraCMOS?
logo
Peregrine Semiconductor...
PE4256 PEREGRINE-PE4256 Datasheet
295Kb / 8P
   75 廓 SPDT CATV UltraCMOS
PE4280 PEREGRINE-PE4280 Datasheet
261Kb / 8P
   75 廓 SPDT CATV UltraCMOS
logo
Peregrine Semiconductor
PE4256 PSEMI-PE4256_14 Datasheet
913Kb / 8P
   75 廓 SPDT CATV UltraCMOS?
PE4280MLIAA PSEMI-PE4280MLIAA Datasheet
882Kb / 8P
   75 SPDT CATV UltraCMOS Switch 5 MHz - 2.2 GHz
PE42742 PSEMI-PE42742_14 Datasheet
916Kb / 10P
   75 廓 Terminated, 5 - 2200 MHz SPDT CATV UltraCMOS??Switch
PE4280 PSEMI-PE4280 Datasheet
261Kb / 8P
   SPDT CATV UltraCMOS Switch
PE4256 PSEMI-PE4256 Datasheet
295Kb / 8P
   SPDT CATV UltraCMOS Switch
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com