Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

552ARI01LF Datasheet (PDF) - Integrated Circuit Systems

552ARI01LF Datasheet PDF - Integrated Circuit Systems
Part No. 552ARI01LF
Download  552ARI01LF Click to view

File Size   186.91 Kbytes
Page   10 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Oscillator, Multiplier, and Buffer with 8 Outputs

552ARI01LF Datasheet (PDF)

Go To PDF Page Download Datasheet
552ARI01LF Datasheet PDF - Integrated Circuit Systems

Part No. 552ARI01LF
Download  552ARI01LF Click to view

File Size   186.91 Kbytes
Page   10 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Oscillator, Multiplier, and Buffer with 8 Outputs

552ARI01LF Datasheet (HTML) - Integrated Circuit Systems

552ARI01LF Datasheet HTML 1Page - Integrated Circuit Systems 552ARI01LF Datasheet HTML 2Page - Integrated Circuit Systems 552ARI01LF Datasheet HTML 3Page - Integrated Circuit Systems 552ARI01LF Datasheet HTML 4Page - Integrated Circuit Systems 552ARI01LF Datasheet HTML 5Page - Integrated Circuit Systems 552ARI01LF Datasheet HTML 6Page - Integrated Circuit Systems 552ARI01LF Datasheet HTML 7Page - Integrated Circuit Systems 552ARI01LF Datasheet HTML 8Page - Integrated Circuit Systems 552ARI01LF Datasheet HTML 9Page - Integrated Circuit Systems 552ARI01LF Datasheet HTML 10Page - Integrated Circuit Systems

552ARI01LF Product details

Description
The ICS552A-01 produces 8 low-skew copies of the multiple input clock or fundamental, parallel-mode crystal. Unlike other clock drivers, these parts do not require a separate oscillator for the input. Using ICS’ patented Phase-Locked Loop (PLL) to multiply the input frequency, it is ideal for generating and distributing multiple high-frequency clocks. This is a single chip used for 3 different applications:

1) ICS552A-01 (A mode) — an Oscillator mutiplier
2) ICS552A-01 (B mode) — a Dual 1:4 buffer
3) ICS552A-01 (C mode) — a 1:8 Oscillator buffer

Features (all)
• Packaged as 20-pin SSOP (QSOP)
• Pb-free packaging available
• Operating voltages of 3.0 V to 5.5 V
• Industrial temperature available

Features (specific)
ICS552A-01 (for A mode)
• Contains on-chip multiplier with selections of x1, x1.33, x2, x2.66, x3, x3.33, x4, x4.66, x5, and x6
• Power-down and Tri-state modes

ICS552A-01 (for B mode)
• Up to 200 MHz clock input/output at 3.3 V
• Low skew of 250 ps maximum for any bank of four
• Inputs can be connected together for a 1 to 8 buffer with 250 ps skew between any outputs
• Non-inverting buffer mode
• Ideal for clock networks
• Output Enable mode tri-states outputs
• Full CMOS output swing with 25 mA output drive capability at TTL levels
• Advanced, low power, sub-micron CMOS process

ICS552A-01 (for C mode)
• Use with 25 MHz crystal for networking
• Use with 27 MHz crystal for MPEG

ICS552A-01 (for A and C modes)
• Input frequency of 10.0 to 27.0 MHz
• Provides 8 low-skew outputs (<250 ps)
• Output clock duty cycle of 40/60 at 3.3 V



Similar Part No. - 552ARI01LF

ManufacturerPart No.DatasheetDescription
Integrated Device Technology
Integrated Device Techn...
552ARI-01LF IDT-552ARI-01LF Datasheet
165Kb / 11P
   OSCILLATOR, MULTIPLIER,
552ARI-01LFT IDT-552ARI-01LFT Datasheet
165Kb / 11P
   OSCILLATOR, MULTIPLIER,
More results

Similar Description - 552ARI01LF

ManufacturerPart No.DatasheetDescription
Integrated Circuit Systems
Integrated Circuit Syst...
ICS55201-01 ICST-ICS55201-01 Datasheet
178Kb / 10P
   Oscillator, Multiplier, and Buffer with 8 Outputs
ICS552-01 ICST-ICS552-01 Datasheet
62Kb / 4P
   Crystal Oscillator & Multiplier with 8 Low Skew Outputs
ICS552-01A ICST-ICS552-01A Datasheet
44Kb / 4P
   Crystal Oscillator & Multiplier with 8 Low Skew Outputs
Integrated Device Technology
Integrated Device Techn...
ICS570-01 IDT-ICS570-01 Datasheet
164Kb / 7P
   MULTIPLIER AND ZERO DELAY BUFFER
List of Unclassifed Manufacturers
List of Unclassifed Man...
MK2302S-01 ETC-MK2302S-01 Datasheet
161Kb / 6P
   Multiplier and Zero Delay Buffer
Integrated Circuit Systems
Integrated Circuit Syst...
ICS570B ICST-ICS570B Datasheet
96Kb / 6P
   Multiplier and Zero Delay Buffer
ICS2402 ICST-ICS2402 Datasheet
136Kb / 7P
   Multiplier and Zero Delay Buffer
ICS570 ICST-ICS570 Datasheet
199Kb / 9P
   Multiplier and Zero Delay Buffer
Texas Instruments
Texas Instruments
CDCS504-Q1 TI1-CDCS504-Q1 Datasheet
1Mb / 18P
[Old version datasheet]   Clock Buffer and Clock Multiplier
Integrated Circuit Systems
Integrated Circuit Syst...
ICS570A ICST-ICS570A Datasheet
85Kb / 6P
   Multiplier and Zero Delay Buffer
More results

Datasheet Page

1  2  3  4  5  6  7  8  9  10 


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz