Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MINIQUSB+ Datasheet (PDF) - Maxim Integrated Products

MINIQUSB+ Datasheet PDF - Maxim Integrated Products
Part # MINIQUSB+
Download  MINIQUSB+ Download
File Size   1379.27 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2.6V to 5.25V Single-Supply Operation

MINIQUSB+ Datasheet (PDF)

Go To PDF Page Download Datasheet
MINIQUSB+ Datasheet PDF - Maxim Integrated Products

Part # MINIQUSB+
Download  MINIQUSB+ Click to download

File Size   1379.27 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2.6V to 5.25V Single-Supply Operation

MINIQUSB+ Datasheet (HTML) - Maxim Integrated Products




Similar Part No. - MINIQUSB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MINIQUSB+ MAXIM-MINIQUSB+ Datasheet
826Kb / 14P
2.6V to 5.25V Single-Supply Operation
Rev 0; 3/10
MINIQUSB+ MAXIM-MINIQUSB+ Datasheet
1Mb / 13P
PC USB to 3-Wire Interface or Stand-Alone 3-Wire Serial-Interface Operation
Rev 0; 1/10
MINIQUSB+ MAXIM-MINIQUSB+ Datasheet
1Mb / 19P
Configurable and Fixed Device Addresses
Rev 1; 5/10
MINIQUSB+ MAXIM-MINIQUSB+ Datasheet
1Mb / 13P
PC-USB to 3-Wire Interface or Stand-Alone 3-Wire Serial-Interface Operation
Rev 0; 12/09
MINIQUSB+ MAXIM-MINIQUSB+ Datasheet
2Mb / 16P
Jumpers for Chip Enable (CE)
19-7658; Rev 0; 6/15
More results


Similar Description - MINIQUSB+

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F59L1G81A ESMT-F59L1G81A Datasheet
1Mb / 35P
Voltage Supply: 2.6V ~ 3.6V
logo
Maxim Integrated Produc...
MAX3580EVKIT MAXIM-MAX3580EVKIT Datasheet
376Kb / 7P
3.1V to 3.5V Single-Supply Operation
Rev 0; 7/07
MAX3524EVKIT MAXIM-MAX3524EVKIT Datasheet
151Kb / 5P
4.75V to 5.25V Single-Supply Operation
Rev 0; 12/00
MAX5388EVMINIQU MAXIM-MAX5388EVMINIQU Datasheet
826Kb / 14P
2.6V to 5.25V Single-Supply Operation
Rev 0; 3/10
MAX1586AEVKIT MAXIM-MAX1586AEVKIT Datasheet
635Kb / 14P
2.6V to 5.5V Single-Supply Operation
Rev 1; 1/07
MAX5498EVKIT MAXIM-MAX5498EVKIT Datasheet
313Kb / 13P
2.7V to 5.25V Single-Supply Operation
Rev 1; 12/08
MAX98307EVKIT MAXIM-MAX98307EVKIT Datasheet
1Mb / 7P
2.6V to 5.25V Single-Supply Operation
19-5985; Rev 0; 7/11
MAX98306EVKIT MAXIM-MAX98306EVKIT Datasheet
1Mb / 7P
2.6V to 5.5V Single-Supply Operation
19-5982; Rev 0; 7/11
MAX98303EVKIT MAXIM-MAX98303EVKIT Datasheet
989Kb / 6P
2.6V to 5.5V Single-Supply Operation
19-5599; Rev 0; 10/10
MAX98302EVKIT MAXIM-MAX98302EVKIT Datasheet
1Mb / 6P
2.6V to 5.5V Single-Supply Operation
19-5218; Rev 0; 4/10
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com