Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0026G8424 Datasheet (PDF) - TE Connectivity Ltd

0026G8424 Datasheet PDF - TE Connectivity Ltd
Part # 0026G8424
Download  0026G8424 Download
File Size   193.06 Kbytes
Page   2 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description 100 OHM, AWG 26, 19 STRANDS OF AWG 38, TWINAXIAL CABLE

0026G8424 Datasheet (PDF)

Go To PDF Page Download Datasheet
0026G8424 Datasheet PDF - TE Connectivity Ltd

Part # 0026G8424
Download  0026G8424 Click to download

File Size   193.06 Kbytes
Page   2 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description 100 OHM, AWG 26, 19 STRANDS OF AWG 38, TWINAXIAL CABLE

0026G8424 Datasheet (HTML) - TE Connectivity Ltd




Similar Part No. - 0026G8424

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0026-03-4061 MOLEX3-0026-03-4061 Datasheet
424Kb / 4P
3.96mm (.156") Pitch KK짰 Crimp Terminal Housing
0026011098 MOLEX3-0026011098 Datasheet
317Kb / 4P
3.96mm (.156") Pitch Board-to-Board Receptacle, Bottom Entry, 9 Circuits
0026011108 MOLEX3-0026011108 Datasheet
317Kb / 4P
3.96mm (.156") Pitch Board-to-Board Receptacle, Bottom Entry, 10 Circuits
0026013091 MOLEX1-0026013091_18 Datasheet
36Kb / 1P
1.57mm Diameter Standard .062" Pin and Socket Plug Housing, 2 Circuits
0026013092 MOLEX1-0026013092 Datasheet
33Kb / 1P
1.57mm Diameter Standard .062 Pin and Socket Receptacle Housing
More results


Similar Description - 0026G8424

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
50CX-42 ETC2-50CX-42 Datasheet
67Kb / 1P
26 AWG, 50 Ohm Coax
logo
Molex Electronics Ltd.
0082265719 MOLEX3-0082265719 Datasheet
225Kb / 4P
2.54mm (.100") Pitch Round Conductor Flat Cable - 26 AWG (1 x 26) Solid, Tinned, 19 Circuits
logo
Tyco Electronics
2021D0309-0 MACOM-2021D0309-0 Datasheet
40Kb / 1P
120 OHM, RADIO FREQUENCY, 0.50MM, 19 STRANDS TWIN CONDUCTOR CABLE
640622-6 MACOM-640622-6 Datasheet
146Kb / 1P
MTA-100 CONNECTOR ASSEMBLY, 26 AWG, STANDARD
640442 MACOM-640442 Datasheet
149Kb / 1P
MTA 100 CONNECTOR ASSEMBLY, 26 AWG, STANDARD
644040-8 MACOM-644040-8 Datasheet
119Kb / 1P
MTA.100 CONNECTOR ASSEMBLY 26 AWG, STANDARD
logo
Belden Inc.
2221 BELDEN-2221 Datasheet
151Kb / 3P
Audio Cable, 2 Conductor 26 AWG, TC
12-20-2022
logo
List of Unclassifed Man...
SF-NDCCGJ28GB-002M ETC2-SF-NDCCGJ28GB-002M Datasheet
216Kb / 2P
CABLE ASSEMBLY, SFP/SFP, 28Gbps, PASSIVE, 100廓, 26 AWG EXD
1348499 ETC2-1348499 Datasheet
101Kb / 3P
110 Ohm, 26 AWG stranded (7x34) .018 TC conductors
logo
Molex Electronics Ltd.
0797580014 MOLEX9-0797580014 Datasheet
156Kb / 2P
PicoBlade 26 AWG,UL1061,300MM
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com