Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX-104-CFF-D2L7 Datasheet (PDF) - Vectron International, Inc

FX-104-CFF-D2L7 Datasheet PDF - Vectron International, Inc
Part # FX-104-CFF-D2L7
Download  FX-104-CFF-D2L7 Download

File Size   485.59 Kbytes
Page   12 Pages
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc
Description Frequency Translator

FX-104-CFF-D2L7 Datasheet (PDF)

Go To PDF Page Download Datasheet
FX-104-CFF-D2L7 Datasheet PDF - Vectron International, Inc

Part # FX-104-CFF-D2L7
Download  FX-104-CFF-D2L7 Click to download

File Size   485.59 Kbytes
Page   12 Pages
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc
Description Frequency Translator

FX-104-CFF-D2L7 Datasheet (HTML) - Vectron International, Inc

Back Button FX-104-CFF-D2L7 Datasheet HTML 1Page - Vectron International, Inc FX-104-CFF-D2L7 Datasheet HTML 2Page - Vectron International, Inc FX-104-CFF-D2L7 Datasheet HTML 3Page - Vectron International, Inc FX-104-CFF-D2L7 Datasheet HTML 4Page - Vectron International, Inc FX-104-CFF-D2L7 Datasheet HTML 5Page - Vectron International, Inc FX-104-CFF-D2L7 Datasheet HTML 6Page - Vectron International, Inc FX-104-CFF-D2L7 Datasheet HTML 7Page - Vectron International, Inc FX-104-CFF-D2L7 Datasheet HTML 8Page - Vectron International, Inc FX-104-CFF-D2L7 Datasheet HTML 9Page - Vectron International, Inc FX-104-CFF-D2L7 Datasheet HTML 10Page - Vectron International, Inc Next Button 

FX-104-CFF-D2L7 Product details

Description
Vectrons FX-104 is a SAW based frequency translator which is used to translate any input frequency such as 8 kHz, 1.544 MHz, 2.048 MHz, 19.440 MHz etc. to any specific frequency from 170 MHz to 777.6 MHz. The input frequency does not have to be a 50/50% duty cycle and as an example can be an 8 kHz signal with a logic high "on time" of only 1us, such as a BITS clock. The FX-104 also has the ability to translate any of 1 to 4 different input frequencies to one common output frequency, such as input frequencies of 8 kHz and 1.544 MHz and 19.44 MHz and any other frequency between 333 Hz and 170 MHz translating them to any specific output frequency from 170 MHz to 777.600 MHz.

Features
• Output frequencies up to 777.60 MHz
• Jitter Generation OC-192 compliant
• Jitter transfer per GR-253-CORE
• Single 5 or 3.3 Vdc supply
• Locked to specified Input frequency, e.g. 8 kHz
• 1" x 0.8" x 0.25", Surface Mount (FR4 base)

Applications
• SONET / SDH / ATM
• DWDM / FDM
• DSL-PON Interconnects
• FEC (Forward Error Correction)




Similar Part No. - FX-104-CFF-D2L7

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-104 VECTRON-FX-104 Datasheet
1Mb / 11P
   Frequency Translator
FX-104 VECTRON-FX-104_07 Datasheet
1Mb / 11P
   Frequency Translator
More results


Similar Description - FX-104-CFF-D2L7

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-101 VECTRON-FX-101_10 Datasheet
332Kb / 7P
   Frequency Translator
logo
CTS Corporation
VCP3006X CTS-VCP3006X Datasheet
190Kb / 5P
   Frequency Translator
VCP3020A CTS-VCP3020A Datasheet
190Kb / 5P
   Frequency Translator
VCP3033A CTS-VCP3033A Datasheet
190Kb / 5P
   Frequency Translator
VCP3007B CTS-VCP3007B Datasheet
190Kb / 5P
   Frequency Translator
logo
Vectron International, ...
FX-104 VECTRON-FX-104_07 Datasheet
1Mb / 11P
   Frequency Translator
logo
CTS Corporation
VCP3021X CTS-VCP3021X Datasheet
191Kb / 5P
   Frequency Translator
VCP3250 CTS-VCP3250 Datasheet
191Kb / 5P
   Frequency translator
VCP3028X CTS-VCP3028X Datasheet
190Kb / 5P
   Frequency Translator
VCP3036A CTS-VCP3036A Datasheet
190Kb / 5P
   Frequency Translator
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com