Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-100BGQ01 Datasheet (PDF) - Vishay Siliconix

VS-100BGQ01 Datasheet PDF - Vishay Siliconix
Part # VS-100BGQ01
Download  VS-100BGQ01 Download

File Size   142.97 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Performance Schottky Rectifier, 100 A

VS-100BGQ01 Datasheet (PDF)

Go To PDF Page Download Datasheet
VS-100BGQ01 Datasheet PDF - Vishay Siliconix

Part # VS-100BGQ01
Download  VS-100BGQ01 Click to download

File Size   142.97 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Performance Schottky Rectifier, 100 A

VS-100BGQ01 Datasheet (HTML) - Vishay Siliconix

VS-100BGQ01 Datasheet HTML 1Page - Vishay Siliconix VS-100BGQ01 Datasheet HTML 2Page - Vishay Siliconix VS-100BGQ01 Datasheet HTML 3Page - Vishay Siliconix VS-100BGQ01 Datasheet HTML 4Page - Vishay Siliconix VS-100BGQ01 Datasheet HTML 5Page - Vishay Siliconix VS-100BGQ01 Datasheet HTML 6Page - Vishay Siliconix VS-100BGQ01 Datasheet HTML 7Page - Vishay Siliconix

VS-100BGQ01 Product details

• Ultralow forward voltage drop
• Optimized for OR-ing applications
• Guard ring for enhanced ruggedness and
long term reliability
• Screw mounting only
• Designed and qualified according to
JEDEC®-JESD47
• 125 °C max. operating junction temperature (VR < 5 V)
• High frequency operation
• Continuous high current operation
• PowerTab® package




Similar Part No. - VS-100BGQ01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-100BGQ015 VISHAY-VS-100BGQ015 Datasheet
134Kb / 8P
   Schottky Rectifier
Revision: 15-Jun-11
VS-100BGQ015HF4 VISHAY-VS-100BGQ015HF4 Datasheet
147Kb / 7P
   High Performance Schottky Rectifier, 100 A
Revision: 12-Jun-15
VS-100BGQ015HF4 VISHAY-VS-100BGQ015HF4 Datasheet
150Kb / 7P
   High Performance Schottky Rectifier, 100 A
01-Jan-2022
VS-100BGQ015HF4 VISHAY-VS-100BGQ015HF4_15 Datasheet
128Kb / 6P
   High Performance Schottky Rectifier, 100 A
Revision: 12-Jun-15
VS-100BGQ015HF4 VISHAY-VS-100BGQ015HF4_V01 Datasheet
150Kb / 7P
   High Performance Schottky Rectifier, 100 A
01-Jan-2022
More results


Similar Description - VS-100BGQ01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-100BGQ04 VISHAY-VS-100BGQ04 Datasheet
141Kb / 7P
   High Performance Schottky Rectifier, 100 A
Revision: 15-Jun-15
VS-100BGQ04HF4 VISHAY-VS-100BGQ04HF4 Datasheet
145Kb / 7P
   High Performance Schottky Rectifier, 100 A
Revision: 16-Jun-15
VS-100BGQ030HF4 VISHAY-VS-100BGQ030HF4 Datasheet
143Kb / 6P
   High Performance Schottky Rectifier, 100 A
Revision: 15-Jun-15
VS-100BGQ015HF4 VISHAY-VS-100BGQ015HF4 Datasheet
147Kb / 7P
   High Performance Schottky Rectifier, 100 A
Revision: 12-Jun-15
VS-100BGQ045HF4 VISHAY-VS-100BGQ045HF4 Datasheet
146Kb / 7P
   High Performance Schottky Rectifier, 100 A
Revision: 16-Jun-15
VS-100BGQ10 VISHAY-VS-100BGQ10 Datasheet
156Kb / 6P
   High Performance Schottky Rectifier, 100 A
Revision: 16-Jan-2019
VS-100BGQ100 VISHAY-VS-100BGQ100_V01 Datasheet
160Kb / 6P
   High Performance Schottky Rectifier, 100 A
01-Jan-2022
VS-100BGQ100HF4 VISHAY-VS-100BGQ100HF4 Datasheet
154Kb / 6P
   High Performance Schottky Rectifier, 100 A
Revision: 25-Nov-16
VS-100BGQ015HF4 VISHAY-VS-100BGQ015HF4_15 Datasheet
128Kb / 6P
   High Performance Schottky Rectifier, 100 A
Revision: 12-Jun-15
VS-100BGQ030HF4 VISHAY-VS-100BGQ030HF4_15 Datasheet
129Kb / 6P
   High Performance Schottky Rectifier, 100 A
Revision: 15-Jun-15
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com