Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTR030P02 Datasheet (PDF) - Rohm

RTR030P02 Datasheet PDF - Rohm
Part # RTR030P02
Download  RTR030P02 Download

File Size   104.74 Kbytes
Page   5 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Switching (-20V, -3.0A)

RTR030P02 Datasheet (PDF)

Go To PDF Page Download Datasheet
RTR030P02 Datasheet PDF - Rohm

Part # RTR030P02
Download  RTR030P02 Click to download

File Size   104.74 Kbytes
Page   5 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Switching (-20V, -3.0A)

RTR030P02 Datasheet (HTML) - Rohm

RTR030P02 Datasheet HTML 1Page - Rohm RTR030P02 Datasheet HTML 2Page - Rohm RTR030P02 Datasheet HTML 3Page - Rohm RTR030P02 Datasheet HTML 4Page - Rohm RTR030P02 Datasheet HTML 5Page - Rohm

RTR030P02 Product details

Features

1) Low On-resistance.

2) Built-in G-S Protection Diode.

3) Small and Surface Mount Package (TSMT3).



Application

  Power switching, DC / DC converter.



Structure

  Silicon P-channel

  MOS FET



 




Similar Part No. - RTR030P02

ManufacturerPart #DatasheetDescription
logo
Rohm
RTR030P02FHA ROHM-RTR030P02FHA Datasheet
1Mb / 8P
   2.5V Drive Pch MOSFET
RTR030P02HZG ROHM-RTR030P02HZG Datasheet
2Mb / 15P
   Pch -20V -3A Small Signal MOSFET
RTR030P02TL ROHM-RTR030P02TL Datasheet
787Kb / 8P
   SILICON P-CHANNEL MOS FET
logo
VBsemi Electronics Co.,...
RTR030P02TL VBSEMI-RTR030P02TL Datasheet
464Kb / 9P
   P-Channel 20-V (D-S) MOSFET
More results


Similar Description - RTR030P02

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
SS32 UMW-SS32_V01 Datasheet
500Kb / 2P
   20V-200V 3.0A
SS32BF UMW-SS32BF Datasheet
648Kb / 3P
   20V-200V 3.0A
SS32 UMW-SS32 Datasheet
636Kb / 3P
   20V-200V 3.0A
logo
Rohm
RTQ030P02 ROHM-RTQ030P02 Datasheet
94Kb / 5P
   DC-DC Converter (-20V, -3.0A)
RA1C030LD ROHM-RA1C030LD Datasheet
5Mb / 14P
   Nch 20V 3.0A WLCSP MOSFET
20220921 - Rev.004
RTL030P02 ROHM-RTL030P02 Datasheet
77Kb / 5P
   DC-DC Converter (-20V, -3.0A)
logo
PACELEADER INDUSTRIAL
PFM320-AS PACELEADER-PFM320-AS Datasheet
485Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
PFM320-MT PACELEADER-PFM320-MT Datasheet
388Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 100V
logo
WILLAS ELECTRONIC CORP
SK32C WILLAS-SK32C Datasheet
485Kb / 2P
   3.0A SCHOTTKY BARRIER RECTIFIERS -20V- 200V SMC PACKAGE
logo
Formosa MS
SR320 FORMOSA-SR320_13 Datasheet
138Kb / 6P
   3.0A Axial Leaded Schottky Barrier Rectifiers - 20V-200V
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com