Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP8K22-TB Datasheet (PDF) - VBsemi Electronics Co.,Ltd

SP8K22-TB Datasheet PDF - VBsemi Electronics Co.,Ltd
Part # SP8K22-TB
Download  SP8K22-TB Download
File Size   1920.83 Kbytes
Page   9 Pages
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd
Description Dual N-Channel 60 V (D-S) 175 째C MOSFET

SP8K22-TB Datasheet (PDF)

Go To PDF Page Download Datasheet
SP8K22-TB Datasheet PDF - VBsemi Electronics Co.,Ltd

Part # SP8K22-TB
Download  SP8K22-TB Click to download

File Size   1920.83 Kbytes
Page   9 Pages
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd
Description Dual N-Channel 60 V (D-S) 175 째C MOSFET

SP8K22-TB Datasheet (HTML) - VBsemi Electronics Co.,Ltd




Similar Part No. - SP8K22-TB

ManufacturerPart #DatasheetDescription
logo
Rohm
SP8K22 ROHM-SP8K22 Datasheet
150Kb / 5P
Switching (45V, 4.5A)
SP8K22FRA ROHM-SP8K22FRA Datasheet
2Mb / 15P
45V NchNch Power MOSFET
logo
VBsemi Electronics Co.,...
SP8K22FU6TB VBSEMI-SP8K22FU6TB Datasheet
1Mb / 9P
Dual N-Channel 60 V (D-S) 175 째C MOSFET
SP8K22FU7TB VBSEMI-SP8K22FU7TB Datasheet
1Mb / 9P
Dual N-Channel 60 V (D-S) 175 째C MOSFET
More results


Similar Description - SP8K22-TB

ManufacturerPart #DatasheetDescription
logo
Vishay Telefunken
SI4946BEY TFUNK-SI4946BEY Datasheet
262Kb / 10P
Dual N-Channel 60-V (D-S) 175 째C MOSFET
logo
VBsemi Electronics Co.,...
VBA3638 VBSEMI-VBA3638 Datasheet
723Kb / 9P
Dual N-Channel 60 V (D-S) 175 째C MOSFET
AO4828 VBSEMI-AO4828 Datasheet
1Mb / 9P
Dual N-Channel 60 V (D-S) 175 째C MOSFET
9904SS VBSEMI-9904SS Datasheet
1Mb / 9P
Dual N-Channel 60 V (D-S) 175 째C MOSFET
9962GM VBSEMI-9962GM Datasheet
1Mb / 9P
Dual N-Channel 60 V (D-S) 175 째C MOSFET
9962AGM-HF VBSEMI-9962AGM-HF Datasheet
1Mb / 9P
Dual N-Channel 60 V (D-S) 175 째C MOSFET
AM4960N-T1-PF VBSEMI-AM4960N-T1-PF Datasheet
1Mb / 9P
Dual N-Channel 60 V (D-S) 175 째C MOSFET
MDS5951URH VBSEMI-MDS5951URH Datasheet
1Mb / 9P
Dual N-Channel 60 V (D-S) 175 째C MOSFET
SI4906DY-T1-E3 VBSEMI-SI4906DY-T1-E3 Datasheet
1Mb / 9P
Dual N-Channel 60 V (D-S) 175 째C MOSFET
SSG9904 VBSEMI-SSG9904 Datasheet
1Mb / 9P
Dual N-Channel 60 V (D-S) 175 째C MOSFET
STS3DNE60L VBSEMI-STS3DNE60L Datasheet
990Kb / 9P
Dual N-Channel 60 V (D-S) 175 째C MOSFET
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com