Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0.1D8A_1.5U Datasheet (PDF) - GAPTEC Electronic GmbH & Co. KG

0.1D8A_1.5U Datasheet PDF - GAPTEC Electronic GmbH & Co. KG
Part # 0.1D8A_1.5U
Download  0.1D8A_1.5U Download

File Size   804.85 Kbytes
Page   2 Pages
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG
Description 0.1W - Single Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE

0.1D8A_1.5U Datasheet (PDF)

Go To PDF Page Download Datasheet
0.1D8A_1.5U Datasheet PDF - GAPTEC Electronic GmbH & Co. KG

Part # 0.1D8A_1.5U
Download  0.1D8A_1.5U Click to download

File Size   804.85 Kbytes
Page   2 Pages
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG
Description 0.1W - Single Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE

0.1D8A_1.5U Datasheet (HTML) - GAPTEC Electronic GmbH & Co. KG

0.1D8A_1.5U Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG 0.1D8A_1.5U Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG


Similar Part No. - 0.1D8A_1.5U

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
0.1D14B GAPTEC-0.1D14B Datasheet
823Kb / 3P
   0.1W - Single/Dual Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
0.1D14B_0303S3UP GAPTEC-0.1D14B_0303S3UP Datasheet
823Kb / 3P
   0.1W - Single/Dual Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
0.1D14B_0305S3UP GAPTEC-0.1D14B_0305S3UP Datasheet
823Kb / 3P
   0.1W - Single/Dual Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
0.1D14B_0505D3UP GAPTEC-0.1D14B_0505D3UP Datasheet
823Kb / 3P
   0.1W - Single/Dual Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
0.1D14B_0505S3UP GAPTEC-0.1D14B_0505S3UP Datasheet
823Kb / 3P
   0.1W - Single/Dual Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
More results


Similar Description - 0.1D8A_1.5U

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
0.1S4A GAPTEC-0.1S4A Datasheet
813Kb / 2P
   0.1W - Single Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
0.1D14B GAPTEC-0.1D14B Datasheet
823Kb / 3P
   0.1W - Single/Dual Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
0.1S7B GAPTEC-0.1S7B Datasheet
845Kb / 3P
   0.1W - Single/Dual Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
2S4E GAPTEC-2S4E Datasheet
1Mb / 4P
   2W - Single Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
1S4E GAPTEC-1S4E Datasheet
922Kb / 4P
   1W - Single Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
1S4A GAPTEC-1S4A Datasheet
1Mb / 4P
   1W - Single Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
2S7A-1U GAPTEC-2S7A-1U Datasheet
924Kb / 5P
   2W Single Output - Fixed Input - Isolated & Unregulated SIP PACKAGE
0.1MD4A GAPTEC-0.1MD4A Datasheet
614Kb / 3P
   0.1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
0.1MS4A GAPTEC-0.1MS4A Datasheet
711Kb / 3P
   0.1W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
logo
Microdc power Technolog...
A-XM MICRODC-A-XM Datasheet
521Kb / 2P
   1W, FIXED INPUT, ISOLATED UNREGULATED DUAL/SINGLE OUTPUT,SUPERMINIATURE SIP PACKAGE
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com