Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ARA1400 Datasheet (PDF) - ANADIGICS, Inc

ARA1400 Datasheet PDF - ANADIGICS, Inc
Part No. ARA1400
Download  ARA1400 Click to view

File Size   284.67 Kbytes
Page   12 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description Reverse Amplifier with Step Attenuator

ARA1400 Datasheet (PDF)

Go To PDF Page Download Datasheet
ARA1400 Datasheet PDF - ANADIGICS, Inc

Part No. ARA1400
Download  ARA1400 Click to view

File Size   284.67 Kbytes
Page   12 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description Reverse Amplifier with Step Attenuator

ARA1400 Datasheet (HTML) - ANADIGICS, Inc

Back Button ARA1400 Datasheet HTML 1Page - ANADIGICS, Inc ARA1400 Datasheet HTML 2Page - ANADIGICS, Inc ARA1400 Datasheet HTML 3Page - ANADIGICS, Inc ARA1400 Datasheet HTML 4Page - ANADIGICS, Inc ARA1400 Datasheet HTML 5Page - ANADIGICS, Inc ARA1400 Datasheet HTML 6Page - ANADIGICS, Inc ARA1400 Datasheet HTML 7Page - ANADIGICS, Inc ARA1400 Datasheet HTML 8Page - ANADIGICS, Inc ARA1400 Datasheet HTML 9Page - ANADIGICS, Inc ARA1400 Datasheet HTML 10Page - ANADIGICS, Inc Next Button 

ARA1400 Product details

PRODUCT DESCRIPTION
The ARA1400 is a GaAs IC designed to provide the reverse path amplification and output level control functions in a CATV Set-Top Box or Cable Modem. It incorporates a digitally controlled precision step attenuator that is preceded by an ultra low noise amplifier stage, and followed by an ultra-linear output driver amplifier. The device is capable of meeting the MCNS/DOCSIS requirements for harmonic performance at a +60dBmV output level while requiring only a single polarity +5V supply. Both the input and the output are single-ended and matched to 75 Ohms, and a precision attenuator provides up to 56 dB of attenuation in 4 dB increments. The device is offered in a 28-pin SSOP package featuring a heat slug on the bottom of the package.

FEATURES
• Low cost integrated monolothic GaAs amplifier with step attenuator
• Attenuation Range: 0-56 dB, adjustable in 4 dB increments via a 4 wire parallel control
• Meets DOCSIS distortion requirements at +60 dBmV output signal level
• Low distortion and low noise
• Frequency range: 5-100 MHz
• 5 Volt operation
• 0 to +85 °C temperature range

APPLICATIONS
• MCNS/DOCSIS Compliant Cable Modems
• CATV Interactive Set-Top Box
• Telephony over Cable Systems
• OpenCable Set-Top Box
• Residential Gateway



Similar Part No. - ARA1400

ManufacturerPart No.DatasheetDescription
ANADIGICS, Inc
ANADIGICS, Inc
ARA1400S12 ANADIGICS-ARA1400S12 Datasheet
393Kb / 8P
   CATV Reverse Amplifier with step Attenuator
More results

Similar Description - ARA1400

ManufacturerPart No.DatasheetDescription
ANADIGICS, Inc
ANADIGICS, Inc
ARA2004 ANADIGICS-ARA2004 Datasheet
264Kb / 20P
   Reverse Amplifier with Step Attenuator
ARA2008 ANADIGICS-ARA2008 Datasheet
115Kb / 8P
   Reverse Amplifier with Step Attenuator
ARA2005 ANADIGICS-ARA2005 Datasheet
227Kb / 16P
   Reverse Amplifier with Step Attenuator
ARA05050 ANADIGICS-ARA05050 Datasheet
551Kb / 16P
   Reverse Amplifier with Step Attenuator
Skyworks Solutions Inc.
Skyworks Solutions Inc.
ARA05050 SKYWORKS-ARA05050 Datasheet
2Mb / 16P
   Reverse Amplifier with Step Attenuator
ANADIGICS, Inc
ANADIGICS, Inc
ARA05050 ANADIGICS-ARA05050_12 Datasheet
471Kb / 14P
   Reverse Amplifier with Step Attenuator
ARA1400S12 ANADIGICS-ARA1400S12 Datasheet
393Kb / 8P
   CATV Reverse Amplifier with step Attenuator
ARA2000S23 ANADIGICS-ARA2000S23 Datasheet
277Kb / 16P
   CATV Reverse Amplifier with step Attenuator
ARA2001S23 ANADIGICS-ARA2001S23 Datasheet
274Kb / 16P
   CATV Reverse Amplifier with step Attenuator
ARA3000S23 ANADIGICS-ARA3000S23 Datasheet
175Kb / 2P
   Telephony Reverse Amplifier With Step Attenuator
More results

Datasheet Page

1  2  3  4  5  6  7  8  9  10  11  12 



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz