Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT50S16 Datasheet (PDF) - Nihon Inter Electronics Corporation

PT50S16 Datasheet PDF - Nihon Inter Electronics Corporation
Part # PT50S16
Download  PT50S16 Download
File Size   50.82 Kbytes
Page   5 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description DIODE MODULE 50A /1600V

PT50S16 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT50S16 Datasheet PDF - Nihon Inter Electronics Corporation

Part # PT50S16
Download  PT50S16 Click to download

File Size   50.82 Kbytes
Page   5 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description DIODE MODULE 50A /1600V

PT50S16 Datasheet (HTML) - Nihon Inter Electronics Corporation




Similar Part No. - PT50S16

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PT50S16 NIEC-PT50S16 Datasheet
284Kb / 2P
50A Avg 1600 Volts
PT50S16 NIEC-PT50S16_1 Datasheet
284Kb / 2P
50A Avg 1600 Volts
logo
National Instruments Co...
PT50S16 NI-PT50S16_15 Datasheet
284Kb / 2P
DIODE
More results


Similar Description - PT50S16

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PD15116 NIEC-PD15116 Datasheet
175Kb / 6P
DIODE MODULE - 150A/1600V
PD20116 NIEC-PD20116 Datasheet
176Kb / 6P
DIODE MODULE - 200A/1600V
PGH5016AM NIEC-PGH5016AM Datasheet
226Kb / 4P
THYRISTOR MODULE 50A / 1600V
PT150S12 NIEC-PT150S12 Datasheet
127Kb / 3P
DIODE MODULE 150A/1200V/1600V
PT200S12 NIEC-PT200S12 Datasheet
133Kb / 3P
DIODE MODULE 200A/1200V/1600V
PT5112 NIEC-PT5112 Datasheet
137Kb / 3P
DIODE MODULE 50A/1200V/1600V
PT10112 NIEC-PT10112 Datasheet
142Kb / 3P
DIODE MODULE 100A/1200V/1600V
logo
List of Unclassifed Man...
6R1MBI75P-160 ETC1-6R1MBI75P-160 Datasheet
136Kb / 4P
Diode Module with Brake Diode:1600V / 75A, IGBT:1400A/50A
6RI100P-160 ETC2-6RI100P-160 Datasheet
148Kb / 3P
Diode Module 1600V / 100A
logo
Fuji Electric
6RI100P-160 FUJI-6RI100P-160 Datasheet
151Kb / 3P
Diode Module 1600V / 100A
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com