Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCH029N65S3-F155 Datasheet (PDF) - ON Semiconductor

FCH029N65S3-F155 Datasheet PDF - ON Semiconductor
Part # FCH029N65S3-F155
Download  FCH029N65S3-F155 Download

File Size   283.11 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET ??Power, N-Channel, SUPERFET III, Easy Drive 650 V, 75 A, 29 m

FCH029N65S3-F155 Datasheet (PDF)

Go To PDF Page Download Datasheet
FCH029N65S3-F155 Datasheet PDF - ON Semiconductor

Part # FCH029N65S3-F155
Download  FCH029N65S3-F155 Click to download

File Size   283.11 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET ??Power, N-Channel, SUPERFET III, Easy Drive 650 V, 75 A, 29 m

FCH029N65S3-F155 Datasheet (HTML) - ON Semiconductor

FCH029N65S3-F155 Datasheet HTML 1Page - ON Semiconductor FCH029N65S3-F155 Datasheet HTML 2Page - ON Semiconductor FCH029N65S3-F155 Datasheet HTML 3Page - ON Semiconductor FCH029N65S3-F155 Datasheet HTML 4Page - ON Semiconductor FCH029N65S3-F155 Datasheet HTML 5Page - ON Semiconductor FCH029N65S3-F155 Datasheet HTML 6Page - ON Semiconductor FCH029N65S3-F155 Datasheet HTML 7Page - ON Semiconductor FCH029N65S3-F155 Datasheet HTML 8Page - ON Semiconductor FCH029N65S3-F155 Datasheet HTML 9Page - ON Semiconductor FCH029N65S3-F155 Datasheet HTML 10Page - ON Semiconductor

FCH029N65S3-F155 Product details

Description
SUPERFET III MOSFET is ON Semiconductor’s brand−new high voltage super−junction (SJ) MOSFET family that is utilizing charge balance technology for outstanding low on−resistance and lower gate charge performance. This advanced technology is tailored to minimize conduction loss, provides superior switching performance, and withstand extreme dv/dt rate. Consequently, SUPERFET III MOSFET Easy drive series helps manage EMI issues and allows for easier design implementation.

Features
• 700 V @ TJ = 150°C
• Typ. RDS(on)= 23.7 Ω
• Ultra Low Gate Charge (Typ. Qg = 201 nC)
• Low Effective Output Capacitance (Typ. Coss(eff.)= 1615 pF)
• 100% Avalanche Tested
• These Devices are Pb−Free and are RoHS Compliant

Applications
• Telecom / Server Power Supplies
• Industrial Power Supplies
• UPS / Solar




Similar Part No. - FCH029N65S3-F155

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FCH023N65S3 ISC-FCH023N65S3 Datasheet
372Kb / 2P
   isc N-Channel MOSFET Transistor
More results






About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com