Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFCT-57R5ATPZ Datasheet (PDF) - Broadcom Corporation.

AFCT-57R5ATPZ Datasheet PDF - Broadcom Corporation.
Part # AFCT-57R5ATPZ
Download  AFCT-57R5ATPZ Download

File Size   204.23 Kbytes
Page   20 Pages
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.
Description SFP, 1310 nm, 10 km, LC Connector, Pluggable Fibre Channel 4.25/2.125/1.0625 GBd

AFCT-57R5ATPZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AFCT-57R5ATPZ Datasheet PDF - Broadcom Corporation.

Part # AFCT-57R5ATPZ
Download  AFCT-57R5ATPZ Click to download

File Size   204.23 Kbytes
Page   20 Pages
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.
Description SFP, 1310 nm, 10 km, LC Connector, Pluggable Fibre Channel 4.25/2.125/1.0625 GBd

AFCT-57R5ATPZ Datasheet (HTML) - Broadcom Corporation.

Back Button AFCT-57R5ATPZ Datasheet HTML 1Page - Broadcom Corporation. AFCT-57R5ATPZ Datasheet HTML 2Page - Broadcom Corporation. AFCT-57R5ATPZ Datasheet HTML 3Page - Broadcom Corporation. AFCT-57R5ATPZ Datasheet HTML 4Page - Broadcom Corporation. AFCT-57R5ATPZ Datasheet HTML 5Page - Broadcom Corporation. AFCT-57R5ATPZ Datasheet HTML 6Page - Broadcom Corporation. AFCT-57R5ATPZ Datasheet HTML 7Page - Broadcom Corporation. AFCT-57R5ATPZ Datasheet HTML 8Page - Broadcom Corporation. AFCT-57R5ATPZ Datasheet HTML 9Page - Broadcom Corporation. AFCT-57R5ATPZ Datasheet HTML 10Page - Broadcom Corporation. Next Button 



Similar Part No. - AFCT-57R5ATPZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-57R5ATPZ AVAGO-AFCT-57R5ATPZ Datasheet
517Kb / 22P
   Low Voltage (3.3V) Fibre Channel Optical Transceiver
AFCT-57R5ATPZ AVAGO-AFCT-57R5ATPZ Datasheet
669Kb / 22P
   16GFC SFP Digital Diagnostic SFP, 850 nm, 16G/8G/4G Low Voltage (3.3 V) Fibre Channel Optical Transceiver
logo
Broadcom Corporation.
AFCT-57R5ATPZ BOARDCOM-AFCT-57R5ATPZ Datasheet
211Kb / 19P
   SFP, 1310 nm, 4 km, LC Connector, Pluggable Fibre Channel 4.25/2.125/1.0625 GBd
More results


Similar Description - AFCT-57R5ATPZ

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AFCT-57R5APZ BOARDCOM-AFCT-57R5APZ Datasheet
211Kb / 19P
   SFP, 1310 nm, 4 km, LC Connector, Pluggable Fibre Channel 4.25/2.125/1.0625 GBd
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-57R5APZ AVAGO-AFBR-57R5APZ Datasheet
288Kb / 19P
   Digital Diagnostic SFP, 850 nm, 4.25/2.125/1.0625 GBd, RoHS Compliant Optical Transceiver
AFBR-57R5AEZ AVAGO-AFBR-57R5AEZ Datasheet
269Kb / 19P
   Digital Diagnostic SFP, 850 nm, 4.25/2.125/1.0625
logo
Agilent(Hewlett-Packard...
HFBR-5720L HP-HFBR-5720L Datasheet
293Kb / 16P
   Fibre Channel 2.125/1.0625 GBd 850 nm Small Form Pluggable Low Voltage (3.3 V) Optical Transceiver
HDMP-2689 HP-HDMP-2689 Datasheet
356Kb / 28P
   Quad 2.125/1.0625 GBd Fibre Channel General Purpose SerDes
logo
Infineon Technologies A...
V23818-M305-L57 INFINEON-V23818-M305-L57 Datasheet
400Kb / 15P
   Small Form Factor Multimode 850 nm 2.125 and 1.0625 GBd Fibre Channel 2x5 Transceiver with LC??Connector
2002-03-21
V23838-M305-M56 INFINEON-V23838-M305-M56 Datasheet
619Kb / 21P
   SFP-Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LC??Connector
2004-06-23
V23848-M15-C656 INFINEON-V23848-M15-C656 Datasheet
715Kb / 29P
   iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Single Mode 1310 nm Transceiver with LC Connector
2004-06-28
V23848-M15-C56 INFINEON-V23848-M15-C56 Datasheet
712Kb / 29P
   iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Single Mode 1310 nm Transceiver with LC Connector
2004-06-23
V23818-M305-B57 INFINEON-V23818-M305-B57 Datasheet
1Mb / 19P
   SFP - Small Form-factor Pluggable Multimode 850 nm 2.125 and 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver with LC??Connector
2003-04-25
More results




About Broadcom Corporation.


Broadcom Corporation was an American semiconductor company that designed and manufactured a wide range of products for wired and wireless communication, storage, and industrial markets. The company was founded in 1991 and was based in Irvine, California.

Broadcom Corporation's products were used in a variety of applications, including data centers, smartphones, home networking, broadband, and automotive industries. The company's portfolio included chips for Wi-Fi, Bluetooth, Ethernet, and other connectivity technologies, as well as processors for storage devices, switches, and routers.

In 2016, Broadcom Corporation announced its intention to acquire Brocade Communications Systems, a networking company that provided data center solutions, for $5.9 billion. The acquisition was completed in November 2017.

In 2018, Broadcom Corporation relocated its headquarters to San Jose, California, and changed its name to Broadcom Inc. Today, Broadcom Inc. is a global technology company that provides a wide range of semiconductor and infrastructure software solutions for wired and wireless communications, enterprise storage, and industrial markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com