Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L1210R2R2MDWIT Datasheet (PDF) - Kemet Corporation

L1210R2R2MDWIT Datasheet PDF - Kemet Corporation
Part # L1210R2R2MDWIT
Download  L1210R2R2MDWIT Download
File Size   251.07 Kbytes
Page   1 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description KEMET, L-DWI, Power, 2.2 uH, 20%

L1210R2R2MDWIT Datasheet (PDF)

Go To PDF Page Download Datasheet
L1210R2R2MDWIT Datasheet PDF - Kemet Corporation

Part # L1210R2R2MDWIT
Download  L1210R2R2MDWIT Click to download

File Size   251.07 Kbytes
Page   1 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description KEMET, L-DWI, Power, 2.2 uH, 20%

L1210R2R2MDWIT Datasheet (HTML) - Kemet Corporation




Similar Part No. - L1210R2R2MDWIT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
L1210R220KDWIT KEMET-L1210R220KDWIT Datasheet
53Kb / 1P
KEMET, L-DWI, Power, 22 uH, 10%
More results


Similar Description - L1210R2R2MDWIT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
L0805C100MDWIT KEMET-L0805C100MDWIT Datasheet
51Kb / 1P
Power, L-DWI, 10 uH, 20%
L0805C470MDWIT KEMET-L0805C470MDWIT Datasheet
52Kb / 1P
Power, L-DWI, 47 uH, 20%
L1210R150MDWIT KEMET-L1210R150MDWIT Datasheet
54Kb / 1P
KEMET, L-DWI, Power, 15 uH, 20%
L1210R220KDWIT KEMET-L1210R220KDWIT Datasheet
53Kb / 1P
KEMET, L-DWI, Power, 22 uH, 10%
L1210R330MDWIT KEMET-L1210R330MDWIT Datasheet
54Kb / 1P
KEMET, L-DWI, Power, 33 uH, 20%
L1210R101KDWIT KEMET-L1210R101KDWIT Datasheet
53Kb / 1P
KEMET, L-DWI, Power, 100 uH, 10%
L1210R150KDWIT KEMET-L1210R150KDWIT Datasheet
54Kb / 1P
KEMET, L-DWI, Power, 15 uH, 10%
L1210R470KDWIT KEMET-L1210R470KDWIT Datasheet
54Kb / 1P
KEMET, L-DWI, Power, 47 uH, 10%
L1210R680MDWIT KEMET-L1210R680MDWIT Datasheet
54Kb / 1P
KEMET, L-DWI, Power, 68 uH, 20%
L1210R100MDWIT KEMET-L1210R100MDWIT Datasheet
251Kb / 1P
KEMET, L-DWI, Power, 10 uH, 20%
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com