Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84C43 Datasheet (PDF) - SHIKUES Electronics

BZX84C43 Datasheet PDF - SHIKUES Electronics
Part # BZX84C43
Download  BZX84C43 Download

File Size   1107.93 Kbytes
Page   4 Pages
Manufacturer  SKTECHNOLGY [SHIKUES Electronics]
Direct Link  http://www.shikues.com
Logo SKTECHNOLGY - SHIKUES Electronics
Description Zener Votage Regulator Diodes

BZX84C43 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZX84C43 Datasheet PDF - SHIKUES Electronics

Part # BZX84C43
Download  BZX84C43 Click to download

File Size   1107.93 Kbytes
Page   4 Pages
Manufacturer  SKTECHNOLGY [SHIKUES Electronics]
Direct Link  http://www.shikues.com
Logo SKTECHNOLGY - SHIKUES Electronics
Description Zener Votage Regulator Diodes

BZX84C43 Datasheet (HTML) - SHIKUES Electronics

BZX84C43 Datasheet HTML 1Page - SHIKUES Electronics BZX84C43 Datasheet HTML 2Page - SHIKUES Electronics BZX84C43 Datasheet HTML 3Page - SHIKUES Electronics BZX84C43 Datasheet HTML 4Page - SHIKUES Electronics

BZX84C43 Product details

GENERAL DATA APPLICABLE TO ALL
SERIES IN THISH GROUP

Zener Voltage
Regulator Diodes

MAXIMUM CASE TEMPERATURE FOR SOLDERING
PURPOSES: 260°C for 10 seconds




Similar Part No. - BZX84C43

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX84C43 VISHAY-BZX84C43 Datasheet
70Kb / 5P
   350 mW Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
SHENZHEN YONGERJIA INDU...
BZX84C43 WINNERJOIN-BZX84C43 Datasheet
435Kb / 5P
   Planar Die Construction.
logo
Won-Top Electronics
BZX84C43 WTE-BZX84C43 Datasheet
60Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
logo
Central Semiconductor C...
BZX84C43 CENTRAL-BZX84C43 Datasheet
336Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
BZX84C43 CENTRAL-BZX84C43 Datasheet
336Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 350mW, 2.4 THRU 47 VOLTS
More results


Similar Description - BZX84C43

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
MZD3.9 NJSEMI-MZD3.9 Datasheet
88Kb / 1P
   ZENER REGULATOR DIODES
logo
Continental Device Indi...
MMSZ3V3 CDIL-MMSZ3V3 Datasheet
292Kb / 4P
   ZENER VOLTAGE REGULATOR DIODES
logo
Yea Shin Technology Co....
BZX84C2V4 YEASHIN-BZX84C2V4 Datasheet
776Kb / 5P
   Zener Voltage Regulator Diodes
logo
Leshan Radio Company
SZB4.3A LRC-SZB4.3A Datasheet
128Kb / 4P
   Zener Voltage Regulator Diodes
logo
Shanghai Leiditech Elec...
LBZX84C2V4LT1G LEIDITECH-LBZX84C2V4LT1G Datasheet
756Kb / 5P
   Zener Voltage Regulator Diodes
logo
Leshan Radio Company
LBZX84CLT1G LRC-LBZX84CLT1G_15 Datasheet
395Kb / 5P
   Zener Voltage Regulator Diodes
LBZB84C2V4LT1G LRC-LBZB84C2V4LT1G Datasheet
224Kb / 5P
   Zener Voltage Regulator Diodes
logo
Pan Jit International I...
AZD27C21 PANJIT-AZD27C21 Datasheet
358Kb / 5P
   VOLTAGE REGULATOR ZENER DIODES
logo
Shenzhen Taychipst Elec...
AZD27C21 TAYCHIPST-AZD27C21 Datasheet
4Mb / 2P
   VOLTAGE REGULATOR ZENER DIODES
logo
Leshan Radio Company
LBZX84XXXXLT1G LRC-LBZX84XXXXLT1G Datasheet
361Kb / 7P
   Zener Voltage Regulator Diodes
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com