Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAN9320 Datasheet (PDF) - Panasonic Semiconductor

PAN9320 Datasheet PDF - Panasonic Semiconductor
Part # PAN9320
Download  PAN9320 Download

File Size   1432.13 Kbytes
Page   52 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Fully Embedded Stand-Alone Wi-Fi Module

PAN9320 Datasheet (PDF)

Go To PDF Page Download Datasheet
PAN9320 Datasheet PDF - Panasonic Semiconductor

Part # PAN9320
Download  PAN9320 Click to download

File Size   1432.13 Kbytes
Page   52 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Fully Embedded Stand-Alone Wi-Fi Module

PAN9320 Datasheet (HTML) - Panasonic Semiconductor

Back Button PAN9320 Datasheet HTML 1Page - Panasonic Semiconductor PAN9320 Datasheet HTML 2Page - Panasonic Semiconductor PAN9320 Datasheet HTML 3Page - Panasonic Semiconductor PAN9320 Datasheet HTML 4Page - Panasonic Semiconductor PAN9320 Datasheet HTML 5Page - Panasonic Semiconductor PAN9320 Datasheet HTML 6Page - Panasonic Semiconductor PAN9320 Datasheet HTML 7Page - Panasonic Semiconductor PAN9320 Datasheet HTML 8Page - Panasonic Semiconductor PAN9320 Datasheet HTML 9Page - Panasonic Semiconductor PAN9320 Datasheet HTML 10Page - Panasonic Semiconductor Next Button 

PAN9320 Product details

Overview
The PAN9320 is a 2.4 GHz ISM band Wi-Fi-embedded module which includes a wireless radio and an MCU for easy integration of Wi-Fi connectivity into various electronic devices.

Features
• Fully embedded: integrated full-featured network stack
• Contains all necessary IoT functionality (Place & Play)
• Integrated webserver with AJAX/JSON for web applications
• No stack or software implementation needed on a host MCU
• Simultaneous support of Access-Point & Infrastructure mode
• Fully automatical IP configuration
• DHCP server offers IP configuration in AP mode
• Access by names (http://yourdevice)
• Integrated TCP/IP network stack: IPv4, ARP, and AutoIP
• Supports TLS/SSL, https, and Wi-Fi security (WPA2) for secure data connection
• Over-the-Air firmware update
• Two UART interfaces (command and transparent data)
• Integrated QSPI flash memory for customer web contents and configuration file (externally extendable with additional 2 MByte)
• Coexistence interface for external co-located 2.4 GHz radios (e. g. Bluetooth)
• Programming via standard JTAG
• Evaluation Kit with pre-installed web application for quick prototyping available
• Evaluation and development tool WiFigurator for Windows
• Getting started tutorials, PC tool, quickstart guide
• Wide temperature range of -30 °C to 70 °C
• FCC-/IC-/CE-certified

Characteristics
• Surface Mount Type (SMT) 29.0 mm x 13.5 mm x 2.66 mm
• Marvell® 88W8782 WLAN System-on-Chip (SoC) and 88MC200 (MCU) inside
• Tx power up to +18 dBm @ IEEE 802.11b
• Rx sensitivity of -98 dBm @ IEEE 802.11b DSSS 1 Mbps
• 40 MHz channels up to 150 Mbps
• Power supply 3.0 to 3.6 V
• Current consumption 430 mA (Tx @ 11b, 11 Mbps) and 145 mA Rx
• Low power mode available




Similar Part No. - PAN9320

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
PAN9026 PANASONICBATTERY-PAN9026 Datasheet
2Mb / 83P
   Wi-Fi Dual Band 2.4/5 GHz and Bluetooth Module
logo
Panasonic Semiconductor
PAN9026 PANASONIC-PAN9026 Datasheet
2Mb / 99P
   PAN9026 Wi-Fi Dual Band 2.4 GHz and 5 GHz and Bluetooth Module
logo
Panasonic Battery Group
PAN9026-MSD PANASONICBATTERY-PAN9026-MSD Datasheet
2Mb / 83P
   Wi-Fi Dual Band 2.4/5 GHz and Bluetooth Module
PAN9420 PANASONICBATTERY-PAN9420 Datasheet
1Mb / 45P
   Fully Embedded Stand-Alone Wi-Fi Module
More results


Similar Description - PAN9320

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
PAN9420 PANASONICBATTERY-PAN9420 Datasheet
1Mb / 45P
   Fully Embedded Stand-Alone Wi-Fi Module
logo
u-blox AG
ODIN-W2 U-BLOX-ODIN-W2 Datasheet
1Mb / 53P
   Stand-alone multiradio modules with Wi-Fi and Bluetooth
3-Mar-2021
logo
Molex Electronics Ltd.
1461530150 MOLEX11-1461530150_16 Datasheet
47Kb / 1P
   2.4GHz / 5GHz Wi-Fi Stand Alone Balance Antenna, 9.00mm Width
logo
World Produts Inc.
WPANT10042 WPI-WPANT10042 Datasheet
93Kb / 2P
   Wi-Fi Embedded Antenna
WPANT10032 WPI-WPANT10032 Datasheet
111Kb / 3P
   Wi-Fi Embedded Antenna
WPANT10049 WPI-WPANT10049 Datasheet
98Kb / 2P
   Wi-Fi Embedded Antenna
logo
Molex Electronics Ltd.
0479500011 MOLEX11-0479500011_16 Datasheet
34Kb / 1P
   2.4GHz / 5GHz Wi-Fi Stand Alone Antenna, 16.00mm Width, Cable Length 100.00mm
0479502011 MOLEX11-0479502011_16 Datasheet
33Kb / 1P
   2.4GHz / 5GHz Wi-Fi Stand Alone Antenna, 16.00mm Width, Cable Length 200.00mm
0479501011 MOLEX11-0479501011_16 Datasheet
33Kb / 1P
   2.4GHz / 5GHz Wi-Fi Stand Alone Antenna, 16.00mm Width, Cable Length 150.00mm
1461530050 MOLEX11-1461530050_16 Datasheet
52Kb / 1P
   2.4GHz / 5GHz Wi-Fi Stand Alone Balance Antenna, 9.00mm Width, Cable Length
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com