Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD784026 Datasheet (PDF) - NEC

UPD784026 Datasheet PDF - NEC
Part # UPD784026
Download  UPD784026 Download

File Size   371.66 Kbytes
Page   52 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 16-BIT SINGLE-CHIP MICROCONTROLLER

UPD784026 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD784026 Datasheet PDF - NEC

Part # UPD784026
Download  UPD784026 Click to download

File Size   371.66 Kbytes
Page   52 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 16-BIT SINGLE-CHIP MICROCONTROLLER

UPD784026 Datasheet (HTML) - NEC

Back Button UPD784026 Datasheet HTML 1Page - NEC UPD784026 Datasheet HTML 2Page - NEC UPD784026 Datasheet HTML 3Page - NEC UPD784026 Datasheet HTML 4Page - NEC UPD784026 Datasheet HTML 5Page - NEC UPD784026 Datasheet HTML 6Page - NEC UPD784026 Datasheet HTML 7Page - NEC UPD784026 Datasheet HTML 8Page - NEC UPD784026 Datasheet HTML 9Page - NEC UPD784026 Datasheet HTML 10Page - NEC Next Button 

UPD784026 Product details

DESCRIPTION
The µPD78F4938A is a product in the µPD784938A Subseries in the 78K/IV Series.
The µPD78F4938A has flash memory in place of the internal ROM of the µPD784938A. The flash memory incorporated enables program writing or erasing with the microcontroller mounted on the target board.

FEATURES
• Pin-compatible with mask ROM version (except VPP pin)
• Flash memory: 256 KB
• Internal RAM: 10496 bytes
• Serial interface: 4 channels
   • UART/IOE (3-wire serial I/O): 2 channels (on-chip baud rate generator)
   • CSI (3-wire serial I/O): 2 channels
• On-chip IEBusTM controller
• Supply voltage: VDD = 4.0 to 5.5 V (@12.58 MHz operation)
                       VDD = 3.0 to 5.5 V (@6.29 MHz operation)
     
APPLICATION
  Car audio, etc.




Similar Part No. - UPD784026

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784026 NEC-UPD784026 Datasheet
250Kb / 32P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784026 NEC-UPD784026 Datasheet
3Mb / 733P
   16-Bit Single-Chip Microcontrollers
More results


Similar Description - UPD784026

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784054 NEC-UPD784054 Datasheet
579Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784907 NEC-UPD784907 Datasheet
657Kb / 98P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784927 NEC-UPD784927 Datasheet
513Kb / 96P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4916 NEC-UPD78P4916 Datasheet
288Kb / 56P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
SABC167CRLMGAT6 INFINEON-SABC167CRLMGAT6 Datasheet
1Mb / 89P
   16-Bit Single-Chip Microcontroller
V3.3, Feb. 2005
logo
Epson Company
S1C17555 EPSON-S1C17555 Datasheet
176Kb / 5P
   16-bit Single Chip Microcontroller
logo
NEC
UPD78F4937 NEC-UPD78F4937 Datasheet
250Kb / 32P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164CI INFINEON-C164CI_02 Datasheet
4Mb / 484P
   16-Bit Single-Chip Microcontroller
V3.1, Feb. 2002
logo
Renesas Technology Corp
D784927 RENESAS-D784927_15 Datasheet
785Kb / 99P
   16-BIT SINGLE-CHIP MICROCONTROLLER
PD78F4937 RENESAS-PD78F4937_15 Datasheet
317Kb / 34P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164SI INFINEON-C164SI Datasheet
1Mb / 79P
   16-Bit Single-Chip Microcontroller
V2.0, May 2001
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com