Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARG81800 Datasheet (PDF) - Allegro MicroSystems

ARG81800 Datasheet PDF - Allegro MicroSystems
Part # ARG81800
Download  ARG81800 Download

File Size   3880.04 Kbytes
Page   42 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description 40 V, 500 mA / 1.0 A Synchronous Buck Regulators

ARG81800 Datasheet (PDF)

Go To PDF Page Download Datasheet
ARG81800 Datasheet PDF - Allegro MicroSystems

Part # ARG81800
Download  ARG81800 Click to download

File Size   3880.04 Kbytes
Page   42 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description 40 V, 500 mA / 1.0 A Synchronous Buck Regulators

ARG81800 Datasheet (HTML) - Allegro MicroSystems

Back Button ARG81800 Datasheet HTML 1Page - Allegro MicroSystems ARG81800 Datasheet HTML 2Page - Allegro MicroSystems ARG81800 Datasheet HTML 3Page - Allegro MicroSystems ARG81800 Datasheet HTML 4Page - Allegro MicroSystems ARG81800 Datasheet HTML 5Page - Allegro MicroSystems ARG81800 Datasheet HTML 6Page - Allegro MicroSystems ARG81800 Datasheet HTML 7Page - Allegro MicroSystems ARG81800 Datasheet HTML 8Page - Allegro MicroSystems ARG81800 Datasheet HTML 9Page - Allegro MicroSystems ARG81800 Datasheet HTML 10Page - Allegro MicroSystems Next Button 

ARG81800 Product details

FEATURES AND BENEFITS
• Automotive AEC-Q100 qualified
• Input operating voltage range: 3.5 to 36 V
□ Withstands surge voltages to 40 V for load dump
• Low-Power (LP) mode—draws just 8 µA from VIN while
maintaining 3.3 or 5.0 VOUT
• AUTO mode allows automatic transition between PWM
and LP mode based on load current
• Programmable PWM frequency (fSW): 250 kHz to 2.4 MHz
• PWM frequency dithering and controlled switch node
slew rate reduce EMI/EMC signature
• CLKOUT allows interleaving and dithering of “downstream”
regulators using their synchronization inputs
• Interleaving minimizes input filter capacitor requirement
and improves EMI/EMC performance
• Synchronization of PWM frequency to external clock on
SYNCIN pin
• Adjustable output voltage: ±1.5% accuracy over
operating temperature range (‒40°C to 150°C)
• Maximized duty cycle at low VIN improves dropout
• Soft recovery from dropout condition
• Adjustable soft-start time controls inrush current to
accommodate a wide range of output capacitances
• External compensation provides flexibility to tune the
system for maximum stability or fast transient response
• Enable input can command ultralow 1 µA shutdown current
• Open-drain PGOOD output with rising delay
• Pre-bias startup allows quick restart and avoids reset
• Overvoltage, pulse-by-pulse current limit, hiccup mode short
circuit, and thermal protections
• Robust FMEA: pin open/short and component faults




Similar Part No. - ARG81800

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ARG81801 ALLEGRO-ARG81801 Datasheet
2Mb / 31P
   Wide Input Voltage, 2.4 MHz, 3.0 A Asynchronous Buck Regulator with Sleep Mode, External Synchronization, and POK Output
ARG81801KESJSR ALLEGRO-ARG81801KESJSR Datasheet
2Mb / 31P
   Wide Input Voltage, 2.4 MHz, 3.0 A Asynchronous Buck Regulator with Sleep Mode, External Synchronization, and POK Output
More results


Similar Description - ARG81800

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1601 MICROCHIP-MCP1601 Datasheet
683Kb / 22P
   500 mA Synchronous BUCK Regulator
2003
MCP1601 MICROCHIP-MCP1601_13 Datasheet
511Kb / 24P
   500 mA Synchronous BUCK Regulator
11/29/12
TC1313 MICROCHIP-TC1313_09 Datasheet
621Kb / 32P
   500 mA Synchronous Buck Regulator, 300 mA LDO
2009
TC1313 MICROCHIP-TC1313 Datasheet
542Kb / 28P
   500 mA Synchronous Buck Regulator, 300 mA LDO
2005
MCP1603 MICROCHIP-MCP1603 Datasheet
774Kb / 26P
   2.0 MHz, 500 mA Synchronous Buck Regulator
2007
MCP1603 MICROCHIP-MCP1603_12 Datasheet
796Kb / 34P
   2.0 MHz, 500 mA Synchronous Buck Regulator
2007-2012 11/29/11
logo
STMicroelectronics
L78M STMICROELECTRONICS-L78M Datasheet
1Mb / 47P
   Precision 500 mA regulators
March 2017 Rev 21
L78M05ACDT-TR STMICROELECTRONICS-L78M05ACDT-TR Datasheet
650Kb / 31P
   Precision 500 mA regulators
L78M24ACDT-TR STMICROELECTRONICS-L78M24ACDT-TR Datasheet
650Kb / 31P
   Precision 500 mA regulators
L78M05AB STMICROELECTRONICS-L78M05AB_11 Datasheet
650Kb / 31P
   Precision 500 mA regulators
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com