![]() |
Electronic Components Datasheet Search |
|
LC1D18B7 Datasheet (PDF) - Schneider Electric |
LC1D18B7 Datasheet (HTML) - Schneider Electric |
LC1D18B7 Datasheet (PDF) |
![]() |
Download Datasheet |
Part No. | LC1D18B7 |
Download | LC1D18B7 Click to view |
File Size | 142.97 Kbytes |
Page | 4 Pages |
Maker | SCHNEIDER [Schneider Electric] |
Homepage | https://www.se.com/us/en/ |
Logo | |
Description | TeSys D IEC contactor, 18 A, 3 P, 10 HP at 480 VAC, nonreversing, 24 V 50/60 Hz coil |
Datasheet Page |
1 2 3 4 |
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Alldatasheet API | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn |