Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD78064B Datasheet (PDF) - NEC

UPD78064B Datasheet PDF - NEC
Part # UPD78064B
Download  UPD78064B Download

File Size   345.59 Kbytes
Page   52 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 8-BIT SINGLE-CHIP MICROCONTROLLER

UPD78064B Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD78064B Datasheet PDF - NEC

Part # UPD78064B
Download  UPD78064B Click to download

File Size   345.59 Kbytes
Page   52 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 8-BIT SINGLE-CHIP MICROCONTROLLER

UPD78064B Datasheet (HTML) - NEC

Back Button UPD78064B Datasheet HTML 1Page - NEC UPD78064B Datasheet HTML 2Page - NEC UPD78064B Datasheet HTML 3Page - NEC UPD78064B Datasheet HTML 4Page - NEC UPD78064B Datasheet HTML 5Page - NEC UPD78064B Datasheet HTML 6Page - NEC UPD78064B Datasheet HTML 7Page - NEC UPD78064B Datasheet HTML 8Page - NEC UPD78064B Datasheet HTML 9Page - NEC UPD78064B Datasheet HTML 10Page - NEC Next Button 

UPD78064B Product details

DESCRIPTION
The µPD780232 is a member of the µPD780232 Subseries in the 78K/0 Series. The µPD780232 Subseries consists of products that incorporate a VFD controller/driver for panel control.
A flash memory version, the µPD78F0233, that can operate within the same power supply voltage range as the mask ROM version, and various development tools are also under development.

FEATURES
• I/O ports: 40
• Internal ROM and RAM
    • Internal ROM: 16 KB
    • Internal high-speed RAM: 768 bytes
    • Internal buffer RAM: 32 bytes
    • VFD display RAM: 112 bytes
• Minimum instruction execution time can be changed from high speed (0.4 µs) to low speed (6.4 µs)
• VFD controller/driver: 53 display outputs (Universal grid supported)
• 8-bit resolution A/D converter: 4 channels
• Serial interface: 2 channels
• Timer: 4 channels
• Power supply voltage: VDD = 4.5 to 5.5 V

APPLICATIONS
    Monolithic mini components, separated mini components, tuners, cassette tape decks, CD/MD players, audio amplifiers, etc.




Similar Part No. - UPD78064B

ManufacturerPart #DatasheetDescription
logo
NEC
UPD78064B NEC-UPD78064B Datasheet
4Mb / 472P
   8-bit Single-Chip Microcontroller
UPD78064B NEC-UPD78064B Datasheet
552Kb / 58P
   8-BIT SINGLE-CHIP MICROCOMPUTER
UPD78064B NEC-UPD78064B Datasheet
565Kb / 66P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78064B NEC-UPD78064B Datasheet
1Mb / 26P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD78064B NEC-UPD78064B Datasheet
660Kb / 90P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Similar Description - UPD78064B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com