Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IN74LV02 Datasheet (PDF) - Integral Corp.

IN74LV02 Datasheet PDF - Integral Corp.
Part No. IN74LV02
Download  IN74LV02 Click to view

File Size   138.17 Kbytes
Page   4 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description QUAD 2-INPUT NOR GATE

IN74LV02 Datasheet (PDF)

Go To PDF Page Download Datasheet
IN74LV02 Datasheet PDF - Integral Corp.

Part No. IN74LV02
Download  IN74LV02 Click to view

File Size   138.17 Kbytes
Page   4 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description QUAD 2-INPUT NOR GATE

IN74LV02 Datasheet (HTML) - Integral Corp.

IN74LV02 Datasheet HTML 1Page - Integral Corp. IN74LV02 Datasheet HTML 2Page - Integral Corp. IN74LV02 Datasheet HTML 3Page - Integral Corp. IN74LV02 Datasheet HTML 4Page - Integral Corp.

IN74LV02 Product details

The IN74LV02 is a low-voltage Si-gate CMOS device that is pin and function compatible with 74HC/HCT02A, 74ALS02

Features:
• Wide Operating Voltage: 1.0÷5.5 V
• Input voltage levels are compatible with standard C-MOS levels
• Accepts TTL input levels between VCC =2.7 V and VCC =3.6 V
• Output voltage levels are compatible with input levels C-MOS, N-MOS and TTL microcircuits.
• Maximum input current: 1.0 mkA; 0.1 mkA at Т = 25 °С.
• Consumption current 8 mA.



Similar Part No. - IN74LV02

ManufacturerPart No.DatasheetDescription
Integral Corp.
Integral Corp.
IN74LV00 INTEGRAL-IN74LV00 Datasheet
41Kb / 5P
   Quad 2-Input NAND Gate
IN74LV00D INTEGRAL-IN74LV00D Datasheet
41Kb / 5P
   Quad 2-Input NAND Gate
IN74LV00N INTEGRAL-IN74LV00N Datasheet
41Kb / 5P
   Quad 2-Input NAND Gate
IN74LV04 INTEGRAL-IN74LV04 Datasheet
129Kb / 5P
   HEX INVERTER
IN74LV04D INTEGRAL-IN74LV04D Datasheet
129Kb / 5P
   HEX INVERTER
More results

Similar Description - IN74LV02

ManufacturerPart No.DatasheetDescription
Fairchild Semiconductor
Fairchild Semiconductor
74ACTQ02 FAIRCHILD-74ACTQ02_05 Datasheet
114Kb / 8P
   Quad 2-Input NOR Gate
Integral Corp.
Integral Corp.
IN74HC02A INTEGRAL-IN74HC02A Datasheet
232Kb / 5P
   Quad 2-Input NOR Gate
Hitachi Semiconductor
Hitachi Semiconductor
HD74AC02 HITACHI-HD74AC02 Datasheet
43Kb / 7P
   Quad 2-Input NOR Gate
STMicroelectronics
STMicroelectronics
HCF4001B STMICROELECTRONICS-HCF4001B Datasheet
110Kb / 8P
   QUAD 2-INPUT NOR GATE
March 2004
Fairchild Semiconductor
Fairchild Semiconductor
74VHC02 FAIRCHILD-74VHC02 Datasheet
99Kb / 7P
   Quad 2-Input NOR Gate
STMicroelectronics
STMicroelectronics
74VHC02 STMICROELECTRONICS-74VHC02 Datasheet
164Kb / 8P
   QUAD 2-INPUT NOR GATE
Toshiba Semiconductor
Toshiba Semiconductor
TC4001BP TOSHIBA-TC4001BP Datasheet
192Kb / 5P
   QUAD 2 INPUT NOR GATE
Fairchild Semiconductor
Fairchild Semiconductor
74F02 FAIRCHILD-74F02 Datasheet
47Kb / 4P
   Quad 2-Input NOR Gate
74ACTQ02 FAIRCHILD-74ACTQ02 Datasheet
80Kb / 7P
   Quad 2-Input NOR Gate
ON Semiconductor
ON Semiconductor
MC10102 ONSEMI-MC10102 Datasheet
101Kb / 5P
   Quad 2-Input NOR Gate
1996 REV 5
More results

Datasheet Page

1  2  3  4 


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz