Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TWL6040A2GZQZR Datasheet (PDF) - Texas Instruments

TWL6040A2GZQZR Datasheet PDF - Texas Instruments
Part # TWL6040A2GZQZR
Download  TWL6040A2GZQZR Download

File Size   749.84 Kbytes
Page   12 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TWL6040 8-Channel Low-Power Audio Codec for Portable Applications

TWL6040A2GZQZR Datasheet (PDF)

Go To PDF Page Download Datasheet
TWL6040A2GZQZR Datasheet PDF - Texas Instruments

Part # TWL6040A2GZQZR
Download  TWL6040A2GZQZR Click to download

File Size   749.84 Kbytes
Page   12 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TWL6040 8-Channel Low-Power Audio Codec for Portable Applications

TWL6040A2GZQZR Datasheet (HTML) - Texas Instruments

Back Button TWL6040A2GZQZR Datasheet HTML 1Page - Texas Instruments TWL6040A2GZQZR Datasheet HTML 2Page - Texas Instruments TWL6040A2GZQZR Datasheet HTML 3Page - Texas Instruments TWL6040A2GZQZR Datasheet HTML 4Page - Texas Instruments TWL6040A2GZQZR Datasheet HTML 5Page - Texas Instruments TWL6040A2GZQZR Datasheet HTML 6Page - Texas Instruments TWL6040A2GZQZR Datasheet HTML 7Page - Texas Instruments TWL6040A2GZQZR Datasheet HTML 8Page - Texas Instruments TWL6040A2GZQZR Datasheet HTML 9Page - Texas Instruments TWL6040A2GZQZR Datasheet HTML 10Page - Texas Instruments Next Button 

TWL6040A2GZQZR Product details

1.1 Features 1
• Four Audio Digital-to-Analog Converter (DAC) • Dual Phase-Locked Loops (PLLs) for Flexible
Channels Clock Support:
• Stereo Capless Headphone Drivers: – 32-kHz Sleep Clock Input for System Low-
– Up to 104-dB DR Power Playback Mode
– Power Tune for Performance and Power – 12-, 19.2-, 26-, and 38.4-MHz System Clock
Consumption Tradeoff Input
• Stereo 8 Ω, 1.5 W per Channel Speaker Drivers • Accessory Plug and Unplug Detection, Accessory
• Differential Earpiece Driver Button Press Detection
• Stereo Line-Out • Integrated Power Supplies:
• Two Audio Analog-to-Digital Converter (ADC) – Negative Charge Pump for Capless Headphone
Channels: Driver
– 96-dBA SNR – Two Low Dropout Voltage Regulators (LDOs)
• Four Audio Inputs: for High Power Supply Rejection Ratio (PSRR)
– Three Differential Microphone Inputs • I2C Control
– Stereo Line-In and FM Input • Thermal Protection:
• Two Vibrator and Haptics Feedback Channels: – Host Interrupt
– Differential H-Bridge Drivers • Power Supplies:
• Two Low-Noise Analog Microphone Bias Outputs – Analog: 2.1 V
• Two Digital Microphone Bias Outputs – Digital I/O: 1.8 V
• Analog Low-Power Loop from Line-in to – Battery: 2.3 to 5.5 V
Headphone and Speaker Outputs • Package 6-mm × 6-mm 120-Pin PBGA




Similar Part No. - TWL6040A2GZQZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TWL6040A2GZQZR TI-TWL6040A2GZQZR Datasheet
458Kb / 15P
[Old version datasheet]   TWL6040 8-Channel Low-Power Audio Codec for Portable Applications
REVISED AUGUST 2014
More results


Similar Description - TWL6040A2GZQZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TWL6040 TI1-TWL6040_16 Datasheet
724Kb / 12P
[Old version datasheet]   TWL6040 8-Channel Low-Power Audio Codec for Portable Applications
TWL6040 TI-TWL6040_V02 Datasheet
458Kb / 15P
[Old version datasheet]   TWL6040 8-Channel Low-Power Audio Codec for Portable Applications
REVISED AUGUST 2014
TWL6041 TI1-TWL6041_14 Datasheet
684Kb / 12P
[Old version datasheet]   8-Channel Low-Power Audio Codec for Portable Applications
TWL6040 TI1-TWL6040 Datasheet
533Kb / 37P
[Old version datasheet]   8-CHANNEL HIGH_QUALITY LOW-POWER AUDIO CODEC FOR PORTABLE APPLICATIONS
logo
Wolfson Microelectronic...
WM9711 WOLFSON-WM9711 Datasheet
645Kb / 66P
   LOW POWER AUDIO CODEC FOR PORTABLE APPLICATIONS
WM9711 WOLFSON-WM9711_06 Datasheet
607Kb / 65P
   Low Power Audio CODEC for Portable Applications
WM8903 WOLFSON-WM8903 Datasheet
1Mb / 178P
   Ultra Low Power CODEC for Portable Audio Applications
logo
Cirrus Logic
WM8904 CIRRUS-WM8904 Datasheet
3Mb / 184P
   Ultra Low-Power Codec for Portable Audio Applications
logo
Wolfson Microelectronic...
WM8904 WOLFSON-WM8904 Datasheet
1Mb / 188P
   Ultra Low Power CODEC for Portable Audio Applications
WM8973 WOLFSON-WM8973_05 Datasheet
754Kb / 61P
   Stereo CODEC for Portable Audio Applications
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com