Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM513 Datasheet (PDF) - Semikron International

EM513 Datasheet PDF - Semikron International
Part # EM513
Download  EM513 Download

File Size   130.99 Kbytes
Page   2 Pages
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International
Description Standard silicon rectifier diodes

EM513 Datasheet (PDF)

Go To PDF Page Download Datasheet
EM513 Datasheet PDF - Semikron International

Part # EM513
Download  EM513 Click to download

File Size   130.99 Kbytes
Page   2 Pages
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International
Description Standard silicon rectifier diodes

EM513 Datasheet (HTML) - Semikron International

EM513 Datasheet HTML 1Page - Semikron International EM513 Datasheet HTML 2Page - Semikron International

EM513 Product details

Standard silicon rectifier diodes

Forward Current: 1 A
Reverse Voltage: 1600 to 2000 V

Features
• Max. solder temperature: 260°C
• Plastic meeaterial has UL classification 94V-0




Similar Part No. - EM513

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
EM513 PANJIT-EM513 Datasheet
51Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 1250 to 1600 Volts CURRENT - 1.0 Ampere)
logo
First Components Intern...
EM513 FCI-EM513 Datasheet
232Kb / 2P
   1.0 Amp Surface Mount Glass Passivated Diode
logo
SEMTECH ELECTRONICS LTD...
EM513 SEMTECH_ELEC-EM513 Datasheet
185Kb / 2P
   SILICON RECTIFIERS
logo
Shanghai Shunye Electro...
EM513 SHUNYE-EM513 Datasheet
231Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
Bytes
EM513 BYTES-EM513 Datasheet
151Kb / 2P
   1.0 AMP SILICON RECTIFIERS
More results


Similar Description - EM513

ManufacturerPart #DatasheetDescription
logo
Semikron International
SM5059 SEMIKRON-SM5059 Datasheet
107Kb / 2P
   Standard silicon rectifier diodes
SM5400 SEMIKRON-SM5400 Datasheet
107Kb / 2P
   Standard silicon rectifier diodes
EM513 SEMIKRON-EM513_06 Datasheet
134Kb / 2P
   Standard silicon rectifier diodes
1N5059 SEMIKRON-1N5059_06 Datasheet
133Kb / 2P
   Standard silicon rectifier diodes
BY226S SEMIKRON-BY226S_06 Datasheet
140Kb / 2P
   Standard silicon rectifier diodes
1N5059 SEMIKRON-1N5059 Datasheet
129Kb / 2P
   Standard silicon rectifier diodes
S1A SEMIKRON-S1A Datasheet
111Kb / 2P
   Standard silicon rectifier diodes
P2000A SEMIKRON-P2000A_11 Datasheet
453Kb / 2P
   Standard silicon rectifier diodes
P2500ATL SEMIKRON-P2500ATL Datasheet
452Kb / 2P
   Standard silicon rectifier diodes
P1200A SEMIKRON-P1200A_10 Datasheet
443Kb / 2P
   Standard silicon rectifier diodes
P600A SEMIKRON-P600A Datasheet
140Kb / 2P
   Standard silicon rectifier diodes
More results




About Semikron International


Semikron International GmbH is a German manufacturer of power electronics components, including diodes, thyristors, and power modules.

The company was founded in 1951 and has since become a leading supplier of power electronics solutions for applications in industries such as renewable energy, industrial automation, and electric vehicles, among others.

Semikron has a global presence with subsidiaries and sales offices in many countries around the world.

The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the power electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com